Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9856 Datasheet HTML 23Page - Analog Devices AD9856 Datasheet HTML 24Page - Analog Devices AD9856 Datasheet HTML 25Page - Analog Devices AD9856 Datasheet HTML 26Page - Analog Devices AD9856 Datasheet HTML 27Page - Analog Devices AD9856 Datasheet HTML 28Page - Analog Devices AD9856 Datasheet HTML 29Page - Analog Devices AD9856 Datasheet HTML 30Page - Analog Devices AD9856 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD9856
–27–
REV. B
UNDERSTANDING AND USING PIN SELECTABLE
MODULATOR PROFILES
The AD9856 Quadrature Digital Upconverter is capable of
storing four preconfigured modulation modes called “profiles”
that define the following:
• Output Frequency—32 Bits
• Interpolation Rate—6 Bits
• Spectral Inversion Status—1 Bit
• Bypass 3rd Half-Band Filter—1 Bit
• Gain Control of AD8320/AD8321—8 Bits
Output Frequency: This attribute consists of four 8-bit words
loaded into four register addresses to form a 32-bit frequency
tuning word (FTW) for each profile. The lowest register address
corresponds to the least significant 8-bit word. Ascending
addresses correspond to increasingly significant 8-bit words.
The output frequency equation is given as: fOUT = (FTW
×
SYSCLK)/2
32.
Interpolation Rate: Consists of a 6-bit word representing the
allowed interpolation values from 2 to 63. Interpolation is the
mechanism used to “up-sample” or multiply the input data rate
such that it exactly matches that of the DDS sample rate
(SYSCLK). This implies that the system clock must be an exact
multiple of the symbol rate. This 6-bit word represents the 6 MSBs
of the eight bits allocated for that address. The remaining two
bits contain the spectral inversion status bit and half-band by-
pass bit.
Spectral Inversion: Single bit that when at Logic 0 the default
or “noninverted” output from the adder is sent to the following
stages. A Logic 1 will cause the inverted output to be sent to the
following stages. The noninverted output is described as I
×
Cos(
ωt) – Q × Sin(ωt). The inverted output is described as I ×
Cos(
ωt) + Q × Sin(ωt). This bit is located adjacent to the LSB
at the same address as the interpolation rate (see above).
Bypass Third Half-Band Filter: A single bit located in the
LSB position of the same address as the interpolation rate.
When this bit is Logic 0, the third half-band filter is engaged
and its inherent 2
× interpolation rate is applied. When this bit is
Logic 1, the third half-band filter is bypassed and the 2
× inter-
polation rate is negated. This allows users to input higher data
rates—rates that may be too high for the minimum interpolation
rate if all three half-band filters with their inherent 2
× interpola-
tion rate are engaged. The overall effect is to reduce minimum
interpolation rate from 8
× to 4×.
AD8320/AD8321 Gain Control: An 8-bit word that controls
the gain of an AD8320/AD8321 Programmable Gain Amplifier
connected to the AD9856 with the 3-bit SPI interface bus. Gain
range is from –10 dB (00 hex) to +26 dB (FFhex). The gain is
linear in V/V/LSB and follows the equation: AV = 0.316 + 0.077
× Code. Where “Code” is the decimal equivalent of the 8-bit
gain word.
Profile Selection: After profiles have been loaded into the
appropriate registers, the user may select which profile to use
with two input pins: PS0 and PS1, Pins 45 and 46. Profiles are
selected according to the table below.
Table V. Profile Select Matrix
PS1
PS0
PROFILE
00
1
01
2
10
3
11
4
Except while in single tone mode, it is recommended that users
suspend the TxENABLE function by bringing that pin to Logic
0 prior to changing from one profile to another and then
reasserting TxENABLE afterwards. This assures that any
dis-continuities resulting from register data transfer are not
transmitted up or downstream. Furthermore, changing interpo-
lation rates during a burst may create an unrecoverable digital
overflow condition that would interrupt transmission of the
current burst until a RESET and reloading procedure would be
completed.
GAIN TRANSFER
G2
GAIN TRANSFER
G1
CA ENABLE
CA CLK
tDS
CA DATA
VALID DATA WORD G1
MSB...LSB
VALID DATA WORD G2
tWH
tCK
tES
tEH
8 CLOCK CYCLES
SYMBOL
DEFINITION
MIN
tDS
CA DATA SETUP TIME
6.5ns
tDH
CA DATA HOLD TIME
2ns
tWH
CA CLOCK PULSE HIGH
9ns
tCK
CA CLOCK PERIOD
25ns
tES
CA ENABLE SETUP TIME
17ns
tEH
CA ENABLE HOLD TIME
2.0ns
Figure 40. Programmable Cable Driver Amplifier Output Control Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com