Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9856 Datasheet HTML 16Page - Analog Devices AD9856 Datasheet HTML 17Page - Analog Devices AD9856 Datasheet HTML 18Page - Analog Devices AD9856 Datasheet HTML 19Page - Analog Devices AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices AD9856 Datasheet HTML 22Page - Analog Devices AD9856 Datasheet HTML 23Page - Analog Devices AD9856 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9856
–20–
REV. B
Figure 32. CIC Filter Frequency Response (HB 3 Selected and R = 2, 63)
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
0
2
46
–150
8
1012 1416 18 20
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
22 24 26 28 30 32
a. CIC Frequency Response (R = 2, HBF 3 Selected)
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
0
0
576
72
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
144 216 288 360 432 504
648 720 792 864 936 1008
b. CIC Frequency Response (R = 63, HBF 3 Active)
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
0
0
0.2
0.4
0.6
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
c. Passband Detail (R = 2, HBF 3 Selected)
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
0
0
0.2
0.4
0.6
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
d. Passband Detail (R = 63, HBF 3 Active)
DIGITAL QUADRATURE MODULATOR
Following the CIC filter stage the I and Q data (which have
been processed independently up to this point) are mixed in the
modulator stage to produce a digital modulated carrier. The
carrier frequency is selected by programming the direct digital
synthesizer (see the DDS section) with the appropriate 32-bit
tuning word via the AD9856 control registers. The DDS simul-
taneously generates a digital (sampled) sine and cosine wave at
the programmed carrier frequency. The digital sine and cosine
data is multiplied by the Q and I data, respectively, to create the
quadrature components of the original data upconverted to the
carrier frequency. The quadrature components are digitally
summed and passed on to the subsequent stages.
The key point is that the modulation is done digitally, which
eliminates the phase and gain imbalance and crosstalk issues
typically associated with analog modulators. Note that the
modulated “signal” is actually a number stream sampled at the
rate of SYSCLK, which is the same rate at which the DAC is
clocked (see Figure 21, the AD9856 block diagram).
It should be pointed out that the architecture of the quadrature
modulator results in a 3 dB loss of signal level. To visualize this,
assume that both the I data and Q data are fixed at the maxi-
mum possible digital value, x. Then the output of the modula-
tor, y, is:
y = x
× cos(ω) + x × sin(ω) = x × [cos(ω) + sin(ω)]
From this equation it can be shown that y assumes a maximum
value of x
√2 (a gain of 3 dB). However, if the same number of
bits were used to represent the y values, as is used to represent
the x values, an overflow would occur. To prevent this possibil-
ity, an effective “divide-by-two” is implemented on the y values,
which reduces the maximum value of y by a factor of two. Since
division by two results in a 6 dB loss, the modulator yields an
overall loss of 3 dB (3 dB – 6 dB = –3 dB, or 3 dB of loss).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com