Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9856 Datasheet HTML 18Page - Analog Devices AD9856 Datasheet HTML 19Page - Analog Devices AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices AD9856 Datasheet HTML 22Page - Analog Devices AD9856 Datasheet HTML 23Page - Analog Devices AD9856 Datasheet HTML 24Page - Analog Devices AD9856 Datasheet HTML 25Page - Analog Devices AD9856 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9856
–22–
REV. B
INVERSE SINC FILTER (ISF)
The AD9856 is almost entirely a digital device. The input
“signal” is made up of a time series of digital data words. These
data words propagate through the device as numbers. Ultimately,
this number stream must be converted to an analog signal. To
this end, the AD9856 incorporates an integrated DAC. The
output waveform of the DAC is the familiar “staircase” pattern
typical of a signal that is sampled and quantized. The staircase
pattern is a result of the finite time that the DAC holds a quan-
tized level until the next sampling instant. This is known as a
zero-order hold function. The spectrum of the zero-order hold
function is the familiar SIN(x)/x, or SINC, envelope.
The series of digital data words presented at the input of the
DAC represent an impulse stream. It is the spectrum of this
impulse stream, which is the desired output signal. Due to the
zero-order hold effect of the DAC, however, the output spec-
trum is the product of the zero-order hold spectrum (the SINC
envelope) and the Fourier transform of the impulse stream.
Thus, there is an intrinsic distortion in the output spectrum,
which follows the SINC response.
The SINC response is deterministic and totally predictable.
Thus, it is possible to pre-distort the input data stream in a
manner, which compensates for the SINC envelope distortion.
This can be accomplished by means of an ISF. The ISF incor-
porated on the AD9856 is a 17-tap, linear phase FIR filter. Its
frequency response characteristic is the inverse of the SINC
envelope. Data sent through the ISF is altered in such a way as
to correct for the SINC envelope distortion.
It should be noted, however, that the ISF is sampled at the
same rate as the DAC. Thus, the effective range of the SINC
envelope compensation only extends to the Nyquist frequency
(1/2 of the DAC sample rate).
Figure 33 is a plot that shows the effectiveness of the ISF in
correcting for the SINC distortion. The plot includes a graph of
the SINC envelope, the ISF response and the SYSTEM re-
sponse (which is the product of the SINC and ISF responses).
It should be mentioned at this point that the ISF exhibits an
insertion loss of 3.1 dB. Thus, signal levels at the output of the
AD9856 with the ISF bypassed are 3.1 dB higher than with the
ISF engaged. However, for modulated output signals, which
have a relatively wide bandwidth, the benefits of the SINC
FREQUENCY NORMALIZED TO SAMPLE RATE
–0.5
–4.0
0
0.1
0.2
0.3
0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
1.5
1.0
0.5
0
0.4
2.0
4.0
3.5
3.0
2.5
ISF
SINC
SYSTEM
Figure 33. Inverse SINC Filter Response
compensation usually outweigh the 3 dB loss in output level.
The decision of whether or not to use the ISF is an application
specific system design issue.
DIRECT DIGITAL SYNTHESIZER FUNCTION
The direct digital synthesizer (DDS) block generates the sine/
cosine carrier reference signals that are digitally modulated by
the I/Q data paths. The DDS function is frequency tuned via
the serial control port with a 32-bit tuning word. This allows the
AD9856’s output carrier frequency to be very precisely tuned
while still providing output frequency agility.
The equation relating output frequency of the AD9856 digital
modulator to the frequency tuning word (FTWORD) and the
system clock (SYSCLK) is given as:
AOUT = (FTWORD × SYSCLK)/2
32
Where: AOUT and SYSCLK frequencies are in Hz and
FTWORD is a decimal number from 0 to 4,294,967,296 (2
31)
Example: Find the FTWORD for AOUT = 41 MHz and
SYSCLK = 122.88 MHz
If AOUT = 41 MHz and SYSCLK = 122.88 MHz, then:
FTWORD = 556AAAAB hex
Loading 556AAAABh into control bus registers 02h–05h (for
Profile 1) programs the AD9856 for AOUT = 41 MHz, given a
SYSCLK frequency of 122.88 MHz.
D/A CONVERTER
A 12-bit digital-to-analog converter (DAC) is used to convert
the digitally processed waveform into an analog signal. The
worst case spurious signals due to the DAC are the harmonics of
the fundamental signal and their aliases (please see the AD9851
Complete-DDS data sheet for a detailed explanation of aliased
images). The wideband 12-bit DAC in the AD9856 maintains
spurious-free dynamic range (SFDR) performance of –60 dBc
up to AOUT = 42 MHz and –55 dBc up to AOUT = 65 MHz.
The conversion process will produce aliased components of the
fundamental signal at n
× SYSCLK ± F
CARRIER (n = 1, 2, 3).
These are typically filtered with an external RLC filter at the
DAC output. It is important for this analog filter to have a suffi-
ciently flat gain and linear phase response across the bandwidth
of interest so as to avoid modulation impairments. A relatively
inexpensive 7th order elliptical low-pass filter is sufficient to
suppress the aliased components for HFC network applications.
The AD9856 provides true and complement current outputs on
pins 30 and 29 respectively. The full-scale output current is set
by the RSET resistor at Pin 25. The value of RSET for a particular
IOUT is determined using the following equation:
RSET = 39.936/IOUT
For example, if a full-scale output current of 20 mA is desired,
then RSET = (39.936/0.02), or approximately 2 k
Ω. Every dou-
bling of the RSET value will halve the output current. Maximum
output current is specified as 20 mA.
The full-scale output current range of the AD9856 is 5 mA–
20 mA. Full-scale output currents outside of this range will
degrade SFDR performance. SFDR is also slightly affected by
output matching, that is, the two outputs should be terminated
equally for best SFDR performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com