Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9856 Datasheet HTML 14Page - Analog Devices AD9856 Datasheet HTML 15Page - Analog Devices AD9856 Datasheet HTML 16Page - Analog Devices AD9856 Datasheet HTML 17Page - Analog Devices AD9856 Datasheet HTML 18Page - Analog Devices AD9856 Datasheet HTML 19Page - Analog Devices AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices AD9856 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9856
–18–
REV. B
In applications requiring both a low data rate and a high output
sample rate, a third HBF is available (HBF 3). Selection of
HBF 3 offers an upsampling ratio of eight (8) instead of four
(4). The combined frequency response of HBF 1, 2 and 3 is
shown in Figure 30. Comparing the passband detail of HBF 1
and 2 with the passband detail of HBF 1, 2 and 3, it becomes
evident that HBF 3 has virtually no impact on frequency re-
sponse from 0 to 1 (where 1 corresponds to fNYQ).
7
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
–30
–100
01
23
4
5
6
8
–40
–50
–60
–70
–80
–90
10
0
–10
–20
a. Half-Band 1, 2 and 3 Frequency Response
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
1
–6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
–1
–2
–3
–4
–5
0.9
1.0
b. Passband Detail
Figure 30. Combined Frequency Response of HBF 1, 2 and 3
CASCADED INTEGRATOR-COMB (CIC) FILTER
A CIC filter is unlike a typical FIR filter in that it offers the
flexibility to handle differing input and output sample rates
(only in integer ratios, however). In the purest sense, a CIC
filter can provide either an increase or a decrease in sample rate
at the output relative to the input, depending on the architec-
ture. If the integration stage precedes the comb stage, the CIC
filter provides sample rate reduction (decimation). When the
comb stage precedes the integrator stage the CIC filter provides
an increase in sample rate (interpolation). In the AD9856, the
CIC filter is configured as an interpolator. In fact, it is a pro-
grammable interpolator and provides a sample rate increase, R,
such that 2
≤ R
≤ 63.
In addition to the ability to provide a change in sample rate
between input and output, a CIC filter also has an intrinsic low-
pass frequency response characteristic. The frequency response
of a CIC filter is dependent on three factors:
1. The rate change ratio, R.
2. The order of the filter, N.
3. The number of unit delays per stage, M.
It can be shown that the system function, H(z), of a CIC filter is
given by:
Hz
z
z
z
RM
N
k
RM
k
N
()
–
–
–
–
–
–
=


=
=
∑
1
1
1
0
1
The form on the far right has the advantage of providing a result
for z = 1 (corresponding to zero frequency or dc). The alternate
form yields an indeterminate form (0/0) for z = 1, but is other-
wise identical. The only variable parameter for the AD9856’s CIC
filter is R. M and N are fixed at 1 and 4, respectively. Thus,
the CIC system function for the AD9856 simplifies to:
Hz
z
z
z
R
k
R
k
()
–
–
–
–
–
–
=


=
=
∑
1
1
1
4
0
1
4
The transfer function is given by:
Hf
e
e
e
jfR
jf
k
R
jfk
()
–
–
–(
)
–(
)
–
–(
)
=


=
=
∑
1
1
2
2
4
0
1
2
4
π
π
π
The frequency response in this form is such that f is scaled to
the output sample rate of the CIC filter. That is, f = 1 corre-
sponds to the frequency of the output sample rate of the CIC
filter. H(f/R) will yield the frequency response with respect to
the input sample of the CIC filter. Figure 31 reveals the CIC
frequency response and passband detail for R = 2 and R = 63
and with HBF 3 bypassed. Figure 32 is similar but with HBF 3
selected. Note the flatter passband response when HBF 3 is
employed.
As with the case of the HBFs, consideration must be given to
the frequency dependent attenuation that the CIC filter intro-
duces over the frequency range of the data to be transmitted.
Note that the CIC frequency response plots have fNYQ as their
reference frequency; i.e., unity (1) on the frequency scale corre-
sponds to fNYQ. If the incoming data that is applied to the
AD9856 is oversampled by a factor of 2 (as required), then the
Nyquist bandwidth of the applied data is one-half fNYQ on the CIC
frequency response plots. A look at the 0.5 point on the passband
detail plots reveals a worst case attenuation of about 0.25 dB
(HBF 3 bypassed, R = 63). This, of course, assumes pulse shaped
data with
α = 0 (minimum bandwidth scenario). When a value
of
α = 1 is used, the bandwidth of the data corresponds to f
NYQ
(the point, 1.0 on the CIC frequency scale). Thus, the worst
case attenuation for
α = 1 is about 0.9 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com