Electronic Components Datasheet Search
  English  ▼

X  

ADF4106 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4106
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106 Datasheet(HTML) 5 Page - Analog Devices

  ADF4106 Datasheet HTML 1Page - Analog Devices ADF4106 Datasheet HTML 2Page - Analog Devices ADF4106 Datasheet HTML 3Page - Analog Devices ADF4106 Datasheet HTML 4Page - Analog Devices ADF4106 Datasheet HTML 5Page - Analog Devices ADF4106 Datasheet HTML 6Page - Analog Devices ADF4106 Datasheet HTML 7Page - Analog Devices ADF4106 Datasheet HTML 8Page - Analog Devices ADF4106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
ADF4106
–5–
PIN CONFIGURATIONS
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current. The nominal
voltage potential at the RSET pin is 0.6 V. The relationship between ICP and RSET is
I
R
CP MAX
SET
= 25 5
.
So, with RSET = 5.1 k
Ω, I
CPMAX = 5 mA.
CP
Charge Pump Output. When enabled this provides
±ICP to the external loop filter, which in turn drives the
external VCO.
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
AGND
Analog Ground. This is the ground return path of the prescaler.
RFINB
Complementary Input to the RF Prescaler. This point must be decoupled to the ground plane with a small bypass
capacitor, typically 100 pF. See Figure 3.
RFINA
Input to the RF Prescaler. This small signal input is ac coupled to the external VCO.
AVDD
Analog Power Supply. This may range from 2.7 V to 3.3 V. Decoupling capacitors to the analog ground plane
should be placed as close as possible to this pin. AVDD must be the same value as DVDD.
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input resistance of
100 k
Ω. See Figure 2. This input can be driven from a TTL or CMOS crystal oscillator or it can be ac coupled.
DGND
Digital Ground
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into three-state
mode. Taking the pin high will power up the device depending on the status of the power-down bit F2.
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the
24-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This input is a
high impedance CMOS input.
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the four
latches, the latch being selected using the control bits.
MUXOUT
This multiplexer output allows either the Lock Detect, the scaled RF or the scaled Reference Frequency to be
accessed externally.
DVDD
Digital Power Supply. This may range from 2.7 V to 3.3 V. Decoupling capacitors to the digital ground plane
should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V, it can be
set to 5 V and used to drive a VCO with a tuning range of up to 5 V.
TSSOP
TOP VIEW
(Not to Scale)
RSET
CP
CPGND
AGND
RFINB
RFINA
AVDD
REFIN
VP
DVDD
MUXOUT
LE
DATA
CLK
CE
DGND
ADF4106
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Chip Scale Package
15 MUXOUT
14 LE
13 DATA
12 CLK
CPGND 1
AGND 2
AGND 3
11 CE
RFINB 4
RFINA 5
PIN 1
INDICATOR
TOP VIEW
ADF4106
NOTE: TRANSISTOR COUNT 6425 (CMOS), 303 (BIPOLAR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com