Electronic Components Datasheet Search
  English  ▼

X  

ADF4106 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4106
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4106 Datasheet HTML 4Page - Analog Devices ADF4106 Datasheet HTML 5Page - Analog Devices ADF4106 Datasheet HTML 6Page - Analog Devices ADF4106 Datasheet HTML 7Page - Analog Devices ADF4106 Datasheet HTML 8Page - Analog Devices ADF4106 Datasheet HTML 9Page - Analog Devices ADF4106 Datasheet HTML 10Page - Analog Devices ADF4106 Datasheet HTML 11Page - Analog Devices ADF4106 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
ADF4106
–8–
PRESCALER OUTPUT FREQUENCY
3.5
3.0
0
50
300
100
150
200
250
2.0
1.5
1.0
0.5
2.5
VDD = 3V
VP = 3V
TPC 13. DIDD vs. Prescaler Output Frequency
VCP – V
6
0
–6
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
4
2
–2
–4
VP = 5V
ICP = 5mA
TPC 14. Charge Pump Output Characteristics
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The Reference Input stage is shown in Figure 2. SW1 and SW2
are normally-closed switches. SW3 is normally-open. When
Powerdown is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
POWER-DOWN
CONTROL
100k
NC
REFIN
NC
NO
SW1
SW2
SW3
BUFFER
TO R COUNTER
NC = NO CONNECT
Figure 2. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 3. It is followed by a 2-stage
limiting amplifier to generate the CML clock levels needed for the
prescaler.
AVDD
500
1.6V
RF
IN
A
RF
IN
B
500
AGND
BIAS
GENERATOR
Figure 3. RF Input Stage
PRESCALER (P/P + 1)
The dual modulus prescaler (P/P + 1), along with the A and
B counters, enables the large division ratio, N, to be realized
(N = BP + A). The dual-modulus prescaler, operating at CML
levels, takes the clock from the RF input stage and divides it
down to a manageable frequency for the CMOS A and B
counters. The prescaler is programmable. It can be set in soft-
ware to 8/9, 16/17, 32/33 or 64/65. It is based on a synchronous
4/5 core. There is a minimum divide ratio possible for fully
contiguous output frequencies. This minimum is determined by
P, the prescaler value and is given by: (P
2 – P).
A AND B COUNTERS
The A and B CMOS counters combine with the dual modulus
prescaler to allow a wide ranging division ratio in the PLL feed-
back counter. The counters are specified to work when the
prescaler output is 300 MHz or less. Thus, with an RF input
frequency of 4.0 GHz, a prescaler value of 16/17 is valid but a
value of 8/9 is not valid.
Pulse Swallow Function
The A and B counters, in conjunction with the dual modulus
prescaler make it possible to generate output frequencies which
are spaced only by the Reference Frequency divided by R. The
equation for the VCO frequency is as follows:
fP
B
A
f
R
VCO
REFIN
=×
+
×
[(
)
]
fVCO
Output Frequency of external voltage controlled
oscillator (VCO).
P
Preset modulus of dual modulus prescaler
(8/9, 16/17, etc.,).
B
Preset Divide Ratio of binary 13-bit counter
(3 to 8191).
A
Preset Divide Ratio of binary 6-bit swallow
counter (0 to 63).
fREFIN
External reference frequency oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com