Electronic Components Datasheet Search
  English  ▼

X  

ADF4106 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4106
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4106 Datasheet HTML 3Page - Analog Devices ADF4106 Datasheet HTML 4Page - Analog Devices ADF4106 Datasheet HTML 5Page - Analog Devices ADF4106 Datasheet HTML 6Page - Analog Devices ADF4106 Datasheet HTML 7Page - Analog Devices ADF4106 Datasheet HTML 8Page - Analog Devices ADF4106 Datasheet HTML 9Page - Analog Devices ADF4106 Datasheet HTML 10Page - Analog Devices ADF4106 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
–7–
ADF4106
FREQUENCY OFFSET FROM 5800MHz CARRIER
100Hz
1MHz
–40
–50
–140
–60
–70
–80
–90
–100
–110
–120
–130
10dB/DIV
RL = –40dBc/Hz
RMS NOISE = 1.8
TPC 7. Integrated Phase Noise (5.8 GHz, 1 MHz, and
100 kHz)
0
–60
–100
–2MHz
–1MHz
5800MHz
1MHz
2MHz
–10
–50
–70
–90
–30
–40
–80
–20
VDD = 3V,VP = 5V
ICP = 5mA
PDF FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 13 SECONDS
AVERAGES = 1
REF LEVEL = –10.0dBm
–65.0dBc
FREQUENCY
–66.0dBc
TPC 8. Reference Spurs (5.8 GHz, 1 MHz, and 100 kHz)
TEMPERATURE – C
–60
–70
–100
–40
100
–20
020
40
60
80
–80
–90
VDD = 3V
VP = 5V
TPC 9. Phase Noise (5.8 GHz, 1 MHz, and 100 kHz) vs.
Temperature
TUNING VOLTAGE – V
–5
–15
–105
05
1234
–45
–75
–85
–95
–25
–35
–65
–55
VDD = 3V
VP = 5V
TPC 10. Reference Spurs vs. VTUNE (5.8 GHz, 1 MHz, and
100 kHz)
PHASE DETECTOR FREQUENCY – Hz
–120
–130
–180
10
100k
100
1k
10k
–140
–150
–160
–170
VDD = 3V
VP = 5V
TPC 11. Phase Noise (referred to CP output) vs.
PFD Frequency
PRESCALER VALUE
10
9
0
8/9
64/65
16/17
32/33
4
3
2
1
6
5
8
7
TPC 12. AIDD vs. Prescaler Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com