Electronic Components Datasheet Search
  English  ▼

X  

ADF4106 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4106
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4106 Datasheet HTML 5Page - Analog Devices ADF4106 Datasheet HTML 6Page - Analog Devices ADF4106 Datasheet HTML 7Page - Analog Devices ADF4106 Datasheet HTML 8Page - Analog Devices ADF4106 Datasheet HTML 9Page - Analog Devices ADF4106 Datasheet HTML 10Page - Analog Devices ADF4106 Datasheet HTML 11Page - Analog Devices ADF4106 Datasheet HTML 12Page - Analog Devices ADF4106 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
ADF4106
–9–
PRESCALER
P/P + 1
13-BIT B
COUNTER
LOAD
LOAD
N = BP + A
FROM RF
INPUT STAGE
TO PFD
MODULUS
CONTROL
N DIVIDER
6-BIT A
COUNTER
Figure 4. A and B Counters
R COUNTER
The 14-bit R counter allows the input reference frequency to
be divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383
are allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter (N =
BP + A) and produces an output proportional to the phase and
frequency difference between them. Figure 5 is a simplified
schematic. The PFD includes a programmable delay element
which controls the width of the anti-backlash pulse. This pulse
ensures that there is no deadzone in the PFD transfer function
and minimizes phase noise and reference spurs. Two bits in the
Reference Counter Latch, ABP2 and ABP1 control the width of
the pulse. See Table III.
HI
HI
D1
D2
Q1
Q2
CLR1
CLR2
CP
U1
U2
UP
DOWN
CHARGE
PUMP
ABP2
ABP1
CPGND
V
P
R DIVIDER
N DIVIDER
R DIVIDER
N DIVIDER
CP OUTPUT
PROGRAMMABLE
DELAY
U3
Figure 5. PFD Simplified Schematic and Timing (In Lock)
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4110 family allows the user
to access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2, and M1 in the Function
Latch. Table V shows the full truth table. Figure 6 shows the
MUXOUT section in block diagram form.
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital lock detect and analog lock detect.
Digital lock detect is active high. When LDP in the R counter
latch is set to 0, digital lock detect is set high when the phase
error on three consecutive Phase Detector cycles is less than
15 ns. With LDP set to “1,” five consecutive cycles of less than
15 ns are required to set the lock detect. It will stay set high
until a phase error of greater than 25 ns is detected on any sub-
sequent PD cycle.
The N-channel open-drain analog lock detect should be oper-
ated with an external pull-up resistor of 10 k
nominal. When
lock has been detected this output will be high with narrow low-
going pulses.
ANALOG LOCK DETECT
MUXOUT
CONTROL
DIGITAL LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
SDOUT
MUX
DV
DD
DGND
Figure 6. MUXOUT Circuit
INPUT SHIFT REGISTER
The ADF4110 family digital section includes a 24-bit input shift
register, a 14-bit R counter and a 19-bit N counter, comprising a
6-bit A counter and a 13-bit B counter. Data is clocked into the
24-bit shift register on each rising edge of CLK. The data is
clocked in MSB first. Data is transferred from the shift register
to one of four latches on the rising edge of LE. The destina-
tion latch is determined by the state of the two control bits
(C2, C1) in the shift register. These are the two LSBs, DB1 and
DB0, as shown in the timing diagram of Figure 1. The truth table
for these bits is shown in Table VI. Table I shows a summary
of how the latches are programmed.
Table I. C2, C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
R Counter
0
1
N Counter (A and B)
1
0
Function Latch (Including Prescaler)
1
1
Initialization Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com