Electronic Components Datasheet Search
  English  ▼

X  

ADF4110 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4110
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4110 Datasheet HTML 4Page - Analog Devices ADF4110 Datasheet HTML 5Page - Analog Devices ADF4110 Datasheet HTML 6Page - Analog Devices ADF4110 Datasheet HTML 7Page - Analog Devices ADF4110 Datasheet HTML 8Page - Analog Devices ADF4110 Datasheet HTML 9Page - Analog Devices ADF4110 Datasheet HTML 10Page - Analog Devices ADF4110 Datasheet HTML 11Page - Analog Devices ADF4110 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–8–
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 1.7
100Hz
FREQUENCY OFFSET FROM 3100MHz CARRIER
1MHz
1.7 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
Figure 14. ADF4113 Integrated Phase Noise (3100 MHz,
1 MHz, 100 kHz)
–2MHz
–1MHz
3100MHz
+1MHz
+2MHz
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 13 SECONDS
AVERAGES = 1
REFERENCE
LEVEL = –17.2dBm
–80.6dBc
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 15. ADF4113 Reference Spurs (3100 MHz, 1 MHz,
100 kHz)
PHASE DETECTOR FREQUENCY – kHz
1
10000
100
1000
–180
–140
–150
–160
–170
–120
–130
10
VDD = 3V
VP = 5V
Figure 16. ADF4113 Phase Noise (Referred to CP Output)
vs. PFD Frequency
TEMPERATURE – C
100
–40
0
20
40
60
80
–100
–70
–80
–90
–60
–20
VDD = 3V
VP = 3V
Figure 17. ADF4113 Phase Noise vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
TEMPERATURE – C
100
–40
0
20
40
60
80
–100
–70
–80
–90
–60
–20
VDD = 3V
VP = 5V
Figure 18. ADF4113 Reference Spurs vs. Temperature
(900 MHz, 200 kHz, 20 kHz)
TUNING VOLTAGE – Volts
5
02
3
4
–105
–75
–85
–95
–5
1
VDD = 3V
VP = 5V
–65
–35
–45
–55
–15
–25
Figure 19. ADF4113 Reference Spurs (200 kHz) vs.
VTUNE (900 MHz, 200 kHz, 20 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com