Electronic Components Datasheet Search
  English  ▼

X  

ADF4110 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4110
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4110 Datasheet HTML 16Page - Analog Devices ADF4110 Datasheet HTML 17Page - Analog Devices ADF4110 Datasheet HTML 18Page - Analog Devices ADF4110 Datasheet HTML 19Page - Analog Devices ADF4110 Datasheet HTML 20Page - Analog Devices ADF4110 Datasheet HTML 21Page - Analog Devices ADF4110 Datasheet HTML 22Page - Analog Devices ADF4110 Datasheet HTML 23Page - Analog Devices ADF4110 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–22–
RSET
ADF4113
18
100pF
18
REFIN
100pF
RFINA
RFINB
CP
SERIAL
DIGITAL
NTERFACE
TCXO
OSC 3B1-13M0
100pF
620pF
3.9k
3.3k
9.1nF
4.7k
18
100pF
RFOUT
POWER SUPPLY CONNECTIONS AND DECOUPLING
CAPACITORS ARE OMITTED FROM DIAGRAM FOR CLARITY.
AD9761
TxDAC
REFIO
FS ADJ
MODULATED
DIGITAL
DATA
QOUTB
IOUTA
IOUTB
QOUTA
AD8346
LOIN
LOIP
VOUT
100pF
100pF
2k
51
910pF
VCO190-1960T
IBBP
IBBN
QBBP
QBBN
LOW-PASS
FILTER
LOW-PASS
FILTER
Figure 33. Direct Conversion Transmitter Solution
DIRECT CONVERSION MODULATOR
In some applications a direct conversion architecture can be used
in base station transmitters. Figure 33 shows the combination
available from ADI to implement this solution.
The circuit diagram shows the AD9761 being used with the
AD8346. The use of dual integrated DACs such as the AD9761
with specified
±0.02 dB and ±0.004 dB gain and offset match-
ing characteristics ensures minimum error contribution (over
temperature) from this portion of the signal chain.
The Local Oscillator (LO) is implemented using the ADF4113.
In this case, the OSC 3B1-13M0 provides the stable 13 MHz
reference frequency. The system is designed for a 200 kHz
channel spacing and an output center frequency of 1960 MHz.
The target application is a WCDMA base station transmitter.
Typical phase noise performance from this LO is –85 dBc/Hz at
a 1 kHz offset.
The LO port of the AD8346 is driven in single-ended fashion.
LOIN is ac-coupled to ground with the 100 pF capacitor and
LOIP is driven through the ac coupling capacitor from a 50
Ω
source. An LO drive level of between –6 dBm and –12 dBm is
required. The circuit of Figure 33 gives a typical level of –8 dBm.
The RF output is designed to drive a 50
Ω load but must be
ac-coupled as shown in Figure 33. If the I and Q inputs are
driven in quadrature by 2 V p-p signals, the resulting output
power will be around –10 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com