Electronic Components Datasheet Search
  English  ▼

X  

ADF4110 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4110
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4110 Datasheet HTML 10Page - Analog Devices ADF4110 Datasheet HTML 11Page - Analog Devices ADF4110 Datasheet HTML 12Page - Analog Devices ADF4110 Datasheet HTML 13Page - Analog Devices ADF4110 Datasheet HTML 14Page - Analog Devices ADF4110 Datasheet HTML 15Page - Analog Devices ADF4110 Datasheet HTML 16Page - Analog Devices ADF4110 Datasheet HTML 17Page - Analog Devices ADF4110 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–14–
Table IV. AB Counter Latch Map
THESE BITS ARE NOT USED
BY THE DEVICE AND ARE
DON'T CARE BITS
A6
0
0
0
0
•
•
•
1
1
1
1
A5
0
0
0
0
•
•
•
1
1
1
1
A2
0
0
1
1
•
•
•
0
0
1
1
A1
0
1
0
1
•
•
•
0
1
0
1
A COUNTER
DIVIDE RATIO
0
1
2
3
•
•
•
60
61
62
63
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
B13
0
0
0
0
0
•
•
•
1
1
1
1
B12
0
0
0
0
0
•
•
•
1
1
1
1
B11
0
0
0
0
0
•
•
•
1
1
1
1
B3
B2
B1
B COUNTER DIVIDE RATIO
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
0
0
0
0
1
•
•
•
1
1
1
1
0
0
1
1
0
•
•
•
0
0
1
1
0
1
0
1
0
•
•
•
0
1
0
1
NOT ALLOWED
NOT ALLOWED
NOT ALLOWED
3
4
•
•
•
8188
8189
8190
8191
13-BIT B COUNTER
DB23 DB22
DB21 DB20
DB19 DB18
DB17 DB16
DB15 DB14
DB12
DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB13
B13
B12
B11
B8
B7
B6
B5
B4
B2
B1
A6
A5
A4
A3
A2
A1
C2 (0) C1 (1)
B3
6-BIT A COUNTER
CONTROL
BITS
RESERVED
DB2
DB1
DB0
G1
B10
B9
*SEE TABLE 5
F4 (FUNCTION LATCH)
FASTLOCK ENABLE*
CP GAIN
OPERATION
0
0
1
1
0
1
0
1
CHARGE PUMP CURRENT
SETTTING 1 IS PERMANENTLY USED
CHARGE PUMP CURRENT SETTING
2 IS PERMANENTLY USED
CHARGE PUMP CURRENT SETTING
1 IS USED
CHARGE PUMP CURRENT IS SWITCHED
TO SETTING 2. THE TIME SPENT IN
SETTING 2 IS DEPENDENT UPON WHICH
FASTLOCK MODE IS USED. SEE FUNCTION
LATCH DESCRIPTION
N = BP + A, P IS PRESCALER VALUE SET IN THE
FUNCTION LATCH B MUST BE GREATER THAN OR
EQUAL TO A. FOR CONTINUOUSLY ADJACENT VALUES
OF (NX FREF), AT THE OUTPUT, NMIN IS (P
2-P).
X
X = DON'T CARE
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com