Electronic Components Datasheet Search
  English  ▼

X  

ADF4110 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4110
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4110 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4110 Datasheet HTML 13Page - Analog Devices ADF4110 Datasheet HTML 14Page - Analog Devices ADF4110 Datasheet HTML 15Page - Analog Devices ADF4110 Datasheet HTML 16Page - Analog Devices ADF4110 Datasheet HTML 17Page - Analog Devices ADF4110 Datasheet HTML 18Page - Analog Devices ADF4110 Datasheet HTML 19Page - Analog Devices ADF4110 Datasheet HTML 20Page - Analog Devices ADF4110 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–17–
THE FUNCTION LATCH
With C2, C1 set to 1, 0, the on-chip function latch will be pro-
grammed. Table V shows the input data format for programming
the Function Latch.
Counter Reset
DB2 (F1) is the counter reset bit. When this is “1,” the R counter
and the A, B counters are reset. For normal operation this bit
should be “0.” Upon powering up, the F1 bit needs to be disabled,
the N counter resumes counting in “close” alignment with the R counter.
(The maximum error is one prescaler cycle.)
Power-Down
DB3 (PD1) and DB21 (PD2) on the ADF4110 family, provide
programmable power-down modes. They are enabled by the
CE pin.
When the CE pin is low, the device is immediately disabled
regardless of the states of PD2, PD1.
In the programmed asynchronous power-down, the device pow-
ers down immediately after latching a “1” into bit PD1, with the
condition that PD2 has been loaded with a “0.”
In the programmed synchronous power-down, the device power-
down is gated by the charge pump to prevent unwanted frequency
jumps. Once the power-down is enabled by writing a “1” into
bit PD1 (on condition that a “1” has also been loaded to PD2),
the device will go into power-down on the occurrence of the next
charge pump event.
When a power-down is activated (either synchronous or asynchro-
nous mode including CE-pin-activated power-down), the
following events occur:
All active dc current paths are removed.
The R, N, and timeout counters are forced to their load state
conditions.
The charge pump is forced into three-state mode.
The digital clock detect circuitry is reset.
The RFIN input is debiased.
The reference input buffer circuitry is disabled.
The input register remains active and capable of loading and
latching data.
MUXOUT Control
The on-chip multiplexer is controlled by M3, M2, M1 on the
ADF4110 family. Table V shows the truth table.
Fastlock Enable Bit
DB9 of the Function Latch is the Fastlock Enable Bit. Only
when this is “1” is Fastlock enabled.
Fastlock Mode Bit
DB10 of the Function Latch is the Fastlock Enable bit. When
Fastlock is enabled, this bit determines which Fastlock Mode is
used. If the Fastlock Mode bit is “0” then Fastlock Mode 1
is selected and if the Fastlock Mode bit is “1,” then Fastlock
Mode 2 is selected.
Fastlock Mode 1
The charge pump current is switched to the contents of Current
Setting 2.
The device enters Fastlock by having a “1” written to the CP
Gain bit in the AB counter latch. The device exits Fastlock by
having a “0” written to the CP Gain bit in the AB counter latch.
Fastlock Mode 2
The charge pump current is switched to the contents of Current
Setting 2.
The device enters Fastlock by having a “1” written to the CP
Gain bit in the AB counter latch. The device exits Fastlock under
the control of the Timer Counter. After the timeout period deter-
mined by the value in TC4–TC1, the CP Gain bit in the AB
counter latch is automatically reset to “0” and the device reverts
to normal mode instead of Fastlock. See Table V for the time-
out periods.
Timer Counter Control
The user has the option of programming two charge pump cur-
rents. The intent is that the Current Setting 1 is used when the
RF output is stable and the system is in a static state. Current
Setting 2 is meant to be used when the system is dynamic
and in a state of change (i.e., when a new output frequency is
programmed).
The normal sequence of events is as follows:
The user initially decides what the preferred charge pump cur-
rents are going to be. For example, they may choose 2.5 mA as
Current Setting 1 and 5 mA as the Current Setting 2.
At the same time, they must also decide how long they want the
secondary current to stay active before reverting to the primary
current. This is controlled by the Timer Counter Control Bits
DB14 to DB11 (TC4–TC1) in the Function Latch. The truth
table is given in Table V.
When the user wishes to program a new output frequency, he
can simply program the AB counter latch with new values for A
and B. At the same time, he can set the CP Gain bit to a “1,”
which sets the charge pump with the value in CPI6–CPI4 for a
period of time determined by TC4–TC1. When this time is up,
the charge pump current reverts to the value set by CPI3– CPI1.
At the same time the CP Gain bit in the A, B Counter latch is
reset to 0 and is now ready for the next time the user wishes
to change the frequency again.
Note that there is an enable feature on the Timer Counter. It is
enabled when Fastlock Mode 2 is chosen by setting the Fastlock
Mode bit (DB10) in the Function Latch to “1.”
Charge Pump Currents
CPI3, CPI2, CPI1 program Current Setting 1 for the charge
pump. CPI6, CPI5, CPI4 program Current Setting 2 for the
charge pump. The truth table is given in Table V.
Prescaler Value
P2 and P1 in the Function Latch set the prescaler values. The
prescaler value should be chosen so that the prescaler output
frequency is always less than or equal to 200 MHz. Thus, with
an RF frequency of 2 GHz, a prescaler value of 16/17 is valid
but a value of 8/9 is not.
PD Polarity
This bit sets the PD Polarity Bit. See Table V.
CP Three-State
This bit the CP output pin. With the bit set high, the CP output
is put into three-state. With the bit set low, the CP output is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com