Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 5 Page - Analog Devices

  ADG714 Datasheet HTML 1Page - Analog Devices ADG714 Datasheet HTML 2Page - Analog Devices ADG714 Datasheet HTML 3Page - Analog Devices ADG714 Datasheet HTML 4Page - Analog Devices ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG714/ADG715
–5–
REV. 0
ADG714 TIMING CHARACTERISTICS1, 2
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
fSCLK
30
MHz max
SCLK Cycle Frequency
t1
33
ns min
SCLK Cycle Time
t2
13
ns min
SCLK High Time
t3
13
ns min
SCLK Low Time
t4
0
ns min
SYNC to SCLK Rising Edge Setup Time
t5
5
ns min
Data Setup Time
t6
4.5
ns min
Data Hold Time
t7
0
ns min
SCLK Falling Edge to
SYNC Rising Edge
t8
33
ns min
Minimum
SYNC High Time
t9
3
20
ns min
SCLK Rising Edge to DOUT Valid
NOTES
1See Figure 1.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of (VIL + VIH)/2.
3C
L = 20 pF, RL = 1 k
Ω.
Specifications subject to change without notice.
SCLK
SYNC
DIN
DOUT
t8
t4
t6
t5
t2
t3
t1
t7
t9
DB0
DB7
DB71
DB61
DB21
DB11
DB01
NOTE
1DATA FROM PREVIOUS WRITE CYCLE
Figure 1. 3-Wire Serial Interface Timing Diagram
(VDD = 2.7 V to 5.5 V. All specifications –40 C to +85 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com