Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG714/ADG715
–9–
REV. 0
VDD
Most positive power supply potential.
VSS
Most negative power supply in a dual supply
application. In single supply applications, this
should be tied to ground.
IDD
Positive Supply Current.
ISS
Negative Supply Current.
GND
Ground (0 V) Reference
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
RON
Ohmic resistance between D and S.
∆RON
On-resistance match between any two channels,
i.e., RON max–RON min.
RFLAT(ON)
Flatness is defined as the difference between the
maximum and minimum value of on-resistance
as measured over the specified analog signal range.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D and S.
CS (OFF)
“OFF” Switch Source Capacitance. Measured
with reference to ground.
CD (OFF)
“OFF” Switch Drain Capacitance. Measured
with reference to ground.
CD, CS (ON)
“ON” Switch Capacitance. Measured with ref-
erence to ground.
CIN
Digital Input Capacitance.
tON
Delay time between loading new data to the
shift register and selected switches switching on.
tOFF
Delay time between loading new data to the
shift register and selected switches switching off.
Off Isolation
A measure of unwanted signal coupling through
an “OFF” switch.
Crosstalk
A measure of unwanted signal which is coupled
through from one channel to another as a result
of parasitic capacitance.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output
during switching.
Bandwidth
The frequency at which the output is attenuated
by –3 dBs.
On Response
The frequency response of the “ON” switch.
Insertion Loss The loss due to the ON resistance of the switch.
Insertion Loss = 20 log10 (VOUT with switch/
VOUT without switch.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL(IINH)
Input current of the digital input.
IDD
Positive Supply Current.
TERMINOLOGY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com