Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG714 Datasheet HTML 4Page - Analog Devices ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG714/ADG715
–8–
REV. 0
ADG714 PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial
clock input. These devices can accommodate serial input rates of up to 30 MHz.
2VDD
Positive Analog Supply Voltage.
3
DIN
Serial Data Input. Data is clocked into the 8-bit input register on the falling edge of the serial
clock input.
4
GND
Ground Reference.
5, 7, 9, 11, 14,
Sx
Source. May be an input or output.
16, 18, 20
6, 8, 10, 12, 13,
Dx
Drain. May be an input or output.
15, 17, 19
21
VSS
Negative Analog Supply Voltage. For single supply operation this should be tied to GND.
22
DOUT
Serial Data Output. This allows a number a parts to be daisy chained. Data is clocked out of
the input shift register on the rising edge of SCLK. DOUT is an open-drain output that should be
pulled to the supply with an external pull-up resistor.
23
RESET
Active Low Control Input. Clears the input register and turns all switches to the OFF condition.
24
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When
SYNC goes low, it powers on the SCLK and DIN buffers and the input shift register is enabled.
Data is transferred on the falling edges of the following clocks. Taking
SYNC high updates the
switches.
ADG715 PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into the 8-bit input
shift register. Clock rates of up to 400 kbit/s can be accommodated with this 2-wire serial interface.
2VDD
Positive Analog Supply Voltage.
3
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into the 8-bit input
shift register during the write cycle and used to readback one byte of data during the read cycle. It
is a bidirectional open-drain data line which should be pulled to the supply with an external pull-
up resistor.
4
GND
Ground Reference.
5, 7, 9, 11, 14,
Sx
Source. May be an input or output.
16, 18, 20
6, 8, 10, 12, 13,
Dx
Drain. May be an input or output.
15, 17, 19
21
VSS
Negative Analog Supply Voltage. For single supply operation this should be tied to GND.
22
A1
Address Input. Sets the second least significant bit of the 7-bit slave address.
23
RESET
Active Low Control Input. Clears the input register and turns all switches to the OFF condition.
24
A0
Address Input. Sets the least significant bit of the 7-bit slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com