Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 15 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADG714/ADG715
–15–
REV. 0
four devices on the SPI bus. Figure 23 illustrates the ADG739 and
multiple ADG714s in such a typical configuration. All devices
receive the same serial clock and serial data, but only one device
will receive the
SYNC signal at any one time. The ADG739 is a
serially controlled device also. One bit programmable pin of the
microcontroller is used to enable the ADG739 via
SYNC2,
while another bit programmable pin is used as the chip select for
the other serial devices,
SYNC1. Driving SYNC2 low enables
changes to be made to the addressed serial devices. By bringing
SYNC1 low, the selected serial device hanging from the SPI bus
will be enabled and data will be clocked into its shift register on
the falling edges of SCLK. The convenient design of the matrix
switch allows for different combinations of the four serial
devices to be addressed at any one time. If more devices need
to be addressed via one chip select line, the ADG738 is an 8-
channel device and would allow further expansion of the chip
select scheme. There may be some digital feedthrough from the
digital input lines because SCLK and DIN are permanently
connected to each device. Using a burst clock will minimize the
effects of digital feedthrough on the analog channels.
OTHER
SPI
DEVICE
DIN
SCLK
DIN
SCLK
DIN
SCLK
DIN
SCLK
ADG714
ADG714
SCLK DIN
S1A
S4A
DA
1/2 of ADG739
SYNC
S3A
S2A
FROM
CONTROLLER
OR DSP
SYNC1
SYNC2
SYNC
SYNC
SYNC
SYNC
SCLK
DIN
VDD
OTHER
SPI
DEVICE
Figure 23. Addressing Multiple ADG714s Using an
ADG739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com