Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 3 Page - Analog Devices

  ADG714 Datasheet HTML 1Page - Analog Devices ADG714 Datasheet HTML 2Page - Analog Devices ADG714 Datasheet HTML 3Page - Analog Devices ADG714 Datasheet HTML 4Page - Analog Devices ADG714 Datasheet HTML 5Page - Analog Devices ADG714 Datasheet HTML 6Page - Analog Devices ADG714 Datasheet HTML 7Page - Analog Devices ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. 0
ADG714/ADG715
SPECIFICATIONS1(V
DD = 3 V
10%, VSS = 0 V, GND = 0 V unless otherwise noted)
B Version
–40 C
Parameter
+25 C
to +85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD V
On Resistance (RON)6
Ω typ
VS = 0 V to VDD, IS = 10 mA
11
12
Ω max
On-Resistance Match Between Channels (
∆R
ON)
0.4
Ω typ
VS = 0 V to VDD , IS = 10 mA
1.2
Ω max
On-Resistance Flatness (RFLAT(ON))
3.5
Ω typ
VS = 0 V to VDD, IS = 10 mA
LEAKAGE CURRENTS
VDD = 3.3 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V
±0.1
±0.3
nA max
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VS = 1 V/3 V, VD = 3 V/1 V
±0.1
±0.3
nA max
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V, or 3 V
±0.1
±0.3
nA max
DIGITAL INPUTS (SCLK, DIN,
SYNC, A0, A1)
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.4
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
2
3
pF typ
DIGITAL OUTPUT ADG714 DOUT
2
Output Low Voltage
0.4
max
ISINK = 6 mA
COUT Digital Output Capacitance
4
pF typ
DIGITAL INPUTS (SCL, SDA)
2
Input High Voltage, VINH
0.7 VDD
V min
VDD + 0.3
V max
Input Low Voltage, VINL
–0.3
V min
0.3 VDD
V max
IIN, Input Leakage Current
0.005
µA typ
VIN = 0 V to VDD
± 1
µA max
VHYST, Input Hysteresis
0.05 VDD
V min
CIN, Input Capacitance
6
pF typ
LOGIC OUTPUT (SDA)
2
VOL, Output Low Voltage
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
DYNAMIC CHARACTERISTICS
2
tON ADG714
35
ns typ
VS = 2 V, RL = 300
Ω, C
L = 35 pF
65
ns max
tON ADG715
130
ns typ
VS = 2 V, RL = 300
Ω, C
L = 35 pF
200
ns max
tOFF ADG714
11
ns typ
VS = 2 V, RL = 300
Ω, C
L = 35 pF
20
ns max
tOFF ADG715
115
ns typ
VS = 2 V, RL = 300
Ω, C
L = 35 pF
180
ns max
Break-Before-Make Time Delay, tD
8
ns typ
VS = 2 V, RL = 300
Ω, C
L = 35 pF
1
ns min
Charge Injection
± 2
pC typ
VS = 1.5 V, RS = 0
Ω, C
L = 1 nF
Off Isolation
–60
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz
–80
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz
Channel-to-Channel Crosstalk
–70
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz
–90
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz
–3 dB Bandwidth
155
MHz typ
RL = 50
Ω, C
L = 5 pF
CS (OFF)
11
pF typ
CD (OFF)
11
pF typ
CD, CS (ON)
22
pF typ
POWER REQUIREMENTS
VDD = 3.3 V
IDD
10
µA typ
Digital Inputs = 0 V or 3.3 V
20
µA max
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com