| Electronic Components Datasheet Search |
|
ADG714 Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADG714 Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() ADG714/ADG715 –14– REV. 0 SDA SCL SDA SCL SDA SCL SDA SCL A1 A0 A1 A0 A1 A0 A1 A0 ADG715 ADG715 ADG715 ADG715 SDA SCL VDD VDD VDD MASTER RP RP VDD Figure 21. Multiple ADG715s On One Bus - SCLK DIN DOUT ADG714 SYNC TO OTHER SERIAL DEVICES SCLK DIN SYNC SCLK DIN DOUT ADG714 SYNC SCLK DIN DOUT ADG714 SYNC VDD VDD VDD R R R Figure 22. Multiple ADG714 Devices in a Daisy-Chained Configuration APPLICATIONS Multiple Devices On One Bus Figure 21 shows four ADG715 devices on the same serial bus. Each has a different slave address since the state of their A0 and A1 pins is different. This allows each switch to be written to or read from independently. Daisy-Chaining Multiple ADG714s A number of ADG714 switches may be daisy-chained simply by using the DOUT pin. Figure 22 shows a typical implementa- tion. The SYNC pin of all three parts in the example are tied together. When SYNC is brought low, the input shift registers of all parts are enabled, data is written to the parts via DIN, and clocked through the shift registers. When the transfer is complete, SYNC is brought high and all switches are updated simulta- neously. Further shift registers may be added in series. Power Supply Sequencing When using CMOS devices, care must be taken to ensure correct power-supply sequencing. Incorrect power-supply sequencing can result in the device being subjected to stresses beyond those maximum ratings listed in the data sheet. Digital and analog inputs should always be applied after power supplies and ground. In dual supply applications, if digital or analog inputs may be applied to the device prior to the VDD and VSS supplies, the addition of a Schottky diode connected between VSS and GND will ensure that the device powers on correctly. For single supply operation, VSS should be tied to GND as close to the device as possible. Decoding Multiple ADG714s Using an ADG739 The dual 4-channel ADG739 multiplexer can be used to multiplex a single chip select line in order to provide chip selects for up to |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |