Electronic Components Datasheet Search
  English  ▼

X  

ADM1031 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 5 Page - Analog Devices

  ADM1031 Datasheet HTML 1Page - Analog Devices ADM1031 Datasheet HTML 2Page - Analog Devices ADM1031 Datasheet HTML 3Page - Analog Devices ADM1031 Datasheet HTML 4Page - Analog Devices ADM1031 Datasheet HTML 5Page - Analog Devices ADM1031 Datasheet HTML 6Page - Analog Devices ADM1031 Datasheet HTML 7Page - Analog Devices ADM1031 Datasheet HTML 8Page - Analog Devices ADM1031 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REV. 0
–5–
Typical Performance Characteristics–ADM1031
LEAKAGE RESISTANCE – M
15
10
1
100
3.3
10
30
–5
–20
5
0
–10
–15
DXP TO GND
DXP TO VCC (3.3V)
TPC 1. Temperature Error vs. PCB Track Resistance
FREQUENCY – Hz
17
0
15
13
11
9
7
5
3
1
–1
500k
2M
4M
6M
10M
100M
400M
VIN = 100mV p-p
VIN = 200mV p-p
TPC 2. Temperature Error vs. Power Supply Noise
Frequency
FREQUENCY – Hz
–1
0
400M
100k
1M
100M
200M
300M
2
0
3
1
500M
7
6
5
4
VIN = 40mV p-p
VIN = 20mV p-p
TPC 3. Temperature Error vs. Common-Mode Noise
Frequency
PIII TEMPERATURE – C
80
0
060
10
20
30
40
50
70
60
50
30
10
40
20
70
80
90
100
110
90
110
100
TPC 4. Pentium III Temperature Measurement vs.
ADM1031 Reading
DXP – DXN CAPACITANCE – nF
–2
–10
147
2.2
3.3
4.7
10
22
–3
–5
–7
–9
–6
1
–11
–12
–13
–14
–15
–16
0
–1
–4
–8
TPC 5. Temperature Error vs. Capacitance between
D+ and D–
SCLK FREQUENCY – kHz
80
0
0
75
1
5
10
25
50
70
60
50
30
10
40
20
100
250
500
750 1000
90
100
110
VCC = 5V
VCC = 3.3V
TPC 6. Standby Current vs. Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com