Electronic Components Datasheet Search
  English  ▼

X  

ADM1031 Datasheet(PDF) 26 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 22Page - Analog Devices ADM1031 Datasheet HTML 23Page - Analog Devices ADM1031 Datasheet HTML 24Page - Analog Devices ADM1031 Datasheet HTML 25Page - Analog Devices ADM1031 Datasheet HTML 26Page - Analog Devices ADM1031 Datasheet HTML 27Page - Analog Devices ADM1031 Datasheet HTML 28Page - Analog Devices ADM1031 Datasheet HTML 29Page - Analog Devices ADM1031 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
REV. 0
ADM1031
–26–
Table XIX. Register 0x20 Fan Characteristics Register 1 Power-On Default = 5DH
Bit
Name
R/
W
Description
<2:0>
Fan 1 Spin-up
Read/Write
These bits contain the Fan Spin-up time to allow Fan 1 to overcome its own
inertia.
000 = 200 ms
001 = 400 ms
010 = 600 ms
011 = 800 ms
100 = 1 sec
101 = 2 secs (Default)
110 = 4 secs
111 = 8 secs
<5:3>
PWM 1 Frequency
Read/Write
These bits allow programmability of the nominal PWM 1 output frequency
driving Fan 1. (Default = 31 Hz.)
000 = 11.7 Hz
001 = 15.6 Hz
010 = 23.4 Hz
011 = 31.25 Hz (Default)
100 = 37.5 Hz
101 = 46.9 Hz
110 = 62.5 Hz
111 = 93.5 Hz
<7:6>
Speed Range, N
Read/Write
Speed Range
00 = 1
01 = 2
10 = 4
11 = 8
Table XX. Register 0x21 Fan Characteristics Register 2 Power-On Default = 5DH
Bit
Name
R/
W
Description
<2:0>
Fan 2 Spin-up
Read/Write
These bits contain the Fan Spin-up time to allow Fan 2 to overcome its own
inertia.
000 = 200 ms
001 = 400 ms
010 = 600 ms
011 = 800 ms
100 = 1 sec
101 = 2 secs (Default)
110 = 4 secs
111 = 8 secs
<5:3>
PWM 2 Frequency
Read/Write
These bits allow programmability of the nominal PWM 2 output frequency
driving Fan 2. (Default = 31 Hz.)
000 = 11.7 Hz
001 = 15.6 Hz
010 = 23.4 Hz
011 = 31.25 Hz (Default)
100 = 37.5 Hz
101 = 46.9 Hz
110 = 62.5 Hz
111 = 93.5 Hz
<7:6>
Speed Range, N
Read/Write
Speed Range
00 = 1
01 = 2
10 = 4
11 = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com