Electronic Components Datasheet Search
  English  ▼

X  

ADM1031 Datasheet(PDF) 24 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 20Page - Analog Devices ADM1031 Datasheet HTML 21Page - Analog Devices ADM1031 Datasheet HTML 22Page - Analog Devices ADM1031 Datasheet HTML 23Page - Analog Devices ADM1031 Datasheet HTML 24Page - Analog Devices ADM1031 Datasheet HTML 25Page - Analog Devices ADM1031 Datasheet HTML 26Page - Analog Devices ADM1031 Datasheet HTML 27Page - Analog Devices ADM1031 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
REV. 0
ADM1031
–24–
Table XIV. Register 0x00 Configuration Register 1 Power-On Default 90h
Bit
Name
R/
W
Description
0
MONITOR
Read/Write
Setting this bit to a “1” enables monitoring of temperature and enables measurement of
the fan tach signals. (Power-Up Default = 0.)
1
INT Enable
Read/Write
Setting this bit to a “1” enables the
INT output.
1 = Enabled 0 = Disabled (Power-Up Default = 0.)
2
TACH/AIN
Read/Write
Clearing this bit to “0” selects digital fan speed measurement via the TACH pins. Setting
this bit to “1” configures the TACH pins as analog inputs that can measure the speed of
2-wire fans via a sense resistor. (Power-Up Default = 0.)
3
PWM Invert
Read/Write
Setting this bit to “1” inverts the PWM signal on the output pins. (Power-Up Default = 0.)
4
Fan Fault Enable
Read/Write
Logic 1 enables
FAN_FAULT pin; Logic 0 disables FAN_FAULT output. (Power-Up
Default = 1.)
6–5
PWM Mode
Read/Write
These two bits control the behavior of the fans in Auto Fan Speed Control Mode.
00 = Remote Temp 1 controls Fan 1; Remote Temp 2 controls Fan 2.
01 = Remote Temp 1 controls Fan 1 and Fan 2.
10 = Remote Temp 2 controls Fan 1 and Fan 2.
11 = Max of Local Temp and Remote Temp 1 and 2 drives Fans 1 and 2.
These two bits have the following effect in Software Control Mode.
00 = Program PWM duty cycles for Fans 1 and 2.
11 = Program RPM Speeds for Fans 1 and 2.
7
Auto/SW Ctrl
Read/Write
Logic 1 selects Automatic Fan Speed Control; Logic 0 selects SW control. (Power-Up
Default = 1) When under software control, PWM duty cycle or RPM values may be
programmed for each fan.
Table XV. Register 0x01 Configuration 2 Power-On Default = 7FH
Bit
Name
R/
W
Description
0
PWM 1 En
Read/Write
Enables Fan 1 PWM output when this bit is a “1.”
1
PWM 2 En
Read/Write
Enables Fan 2 PWM output when this bit is a “1.”
2
TACH 1 En
Read/Write
Enables Tach 1 input when set to “1.”
3
TACH 2 En
Read/Write
Enables Tach 2 input when set to “1.”
4
Loc Temp En
Read/Write
Enables Interrupts on Local Temperature Channel when set to “1.”
5
Remote 1 Temp En
Read/Write
Enables Interrupts on Remote 1 Channel when set to “1.” Default is normally
enabled, except when a diode fault is detected on power-up.
6
Remote 2 Temp En
Read/Write
Enables Interrupts on Remote 2 Channel when set to “1.” Default is normally
enabled, except when a diode fault is detected on power-up.
7
SW Reset
Read/Write
When set to “1,” resets the device. Self-clears. Power-Up Default = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com