Electronic Components Datasheet Search
  English  ▼

X  

ADM1031 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 12Page - Analog Devices ADM1031 Datasheet HTML 13Page - Analog Devices ADM1031 Datasheet HTML 14Page - Analog Devices ADM1031 Datasheet HTML 15Page - Analog Devices ADM1031 Datasheet HTML 16Page - Analog Devices ADM1031 Datasheet HTML 17Page - Analog Devices ADM1031 Datasheet HTML 18Page - Analog Devices ADM1031 Datasheet HTML 19Page - Analog Devices ADM1031 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
REV. 0
ADM1031
–16–
FILTERED CONTROL MODE
The Automatic Fan Speed Control Loop reacts instantaneously
to changes in temperature, i.e., the PWM duty cycle will respond
immediately to temperature change. In certain circumstances,
we may not want the PWM output to react instantaneously to
temperature changes. If significant variations in temperature
were found in a system, this would have the effect of changing
the fan speed, which could be obvious to someone in close prox-
imity. One way to improve the system’s acoustics would be to
slow down the loop so that the fan ramps slowly to its newly
calculated fan speed. This also ensures that temperature transients
will effectively be ignored, and the fan’s operation will be smooth.
There are two means by which to apply filtering to the Auto-
matic Fan Speed Control Loop. The first method is to ramp the
fan speed at a predetermined rate, to its newly calculated value
instead of jumping directly to the new fan speed. The second
approach involves changing the on-chip ADC sample rate, to
change the number of temperature readings taken per second.
The filtered mode on the ADM1031 is invoked by setting Bit 0
of the Fan Filter Register (Register 0x23) for Fan 1 and Bit 1
for Fan 2. Once the Fan Filter Register has been written to, and
all other control loop parameters (TMIN, TRANGE, etc.) have
been programmed, the device may be placed into Automatic
Fan Speed Control Mode by setting Bit 7 of Configuration
Register 1 (Register 0x00) to 1.
Effect of Ramp Rate on Filtered Mode
Bits <6:5> of the Fan Filter Register determine the ramp rate in
Filtered Mode. The PWM_OUT signal driving the fan will have
a period, T, given by the PWM_OUT drive frequency, f, since
T = 1/f. For a given PWM period, T, the PWM period is subdi-
vided in to 240 equal time slots. One time slot corresponds to
the smallest possible increment in PWM duty cycle. A PWM
signal of 33% duty cycle will thus be high for 1/3
× 240 time
slots and low for 2/3
× 240 time slots. Therefore, 33% PWM
duty cycle corresponds to a signal which is high for 80 time slots
and low for 160 time slots.
PWM_OUT
33% DUTY
CYCLE
160 TIME
SLOTS
80 TIME
SLOTS
PWM OUTPUT
(ONE PERIOD) =
240 TIME SLOTS
Figure 11. 33% PWM Duty Cycle Represented in Time
Slots
The ramp rates in Filtered Mode are selectable between 1, 2,
4, and 8. The ramp rates are actually discrete time slots. For
example, if the ramp rate = 8, then eight time slots will be added to
the PWM_OUT high duty cycle each time the PWM_OUT duty
cycle needs to be increased. Figure 12 shows how the Filtered
Mode algorithm operates.
INCREMENT
PREVIOUS PWM
VALUE BY RAMP
RATE
READ
TEMPERATURE
CALCULATE
NEW PWM
DUTY CYCLE
IS NEW
PWM VALUE >
PREVIOUS
VALUE?
DECREMENT
PREVIOUS
PWM VALUE
BY RAMP
RATE
YES
NO
Figure 12. Filtered Mode Algorithm
The Filtered Mode algorithm calculates a new PWM duty cycle
based on the temperature measured. If the new PWM duty cycle
value is greater than the previous PWM value, the previous
PWM duty cycle value is incremented by either 1, 2, 4, or 8
time slots (depending on the setting of bits <6:5> of the Fan
Filter Register). If the new PWM duty cycle value is less than
the previous PWM value, the previous PWM duty cycle is dec-
remented by 1, 2, 4, or 8 time slots. Each time the PWM
duty cycle is incremented or decremented, it is stored as the
previous PWM duty cycle for the next comparison.
So what does an increase of 1, 2, 4, or 8 time slots actually mean
in terms of PWM duty cycle?
A Ramp Rate of 1 corresponds to one time slot, which is 1/240
of the PWM period. In Filtered Auto Fan Speed Control Mode,
incrementing or decrementing by 1 changes the PWM output
duty cycle by 0.416%.
Table VIII. Effect of Ramp Rates on PWM_OUT
Ramp Rate
PWM Duty Cycle Change
1
0.416%
2
0.833%
4
1.66%
8
3.33%
So programming a ramp rate of 1, 2, 4, or 8 simply increases
or decreases the PWM duty cycle by the amounts shown in
Table VIII, depending on whether the temperature is increas-
ing or decreasing.
Figure 13 shows remote temperature plotted against PWM duty
cycle for Filtered Mode. The ADC sample rate is the highest
sample rate; 11.25 kHz. The ramp rate is set to 8 which would
correspond to the fastest ramp rate. With these settings it took
approximately 12 seconds to go from 0% duty cycle to 100%
duty cycle (full-speed). The TMIN value = 32
°C and the T
RANGE
= 80
°C. It can be seen that even though the temperature increased
very rapidly, the fan gradually ramps up to full speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com