Electronic Components Datasheet Search
  English  ▼

X  

ADM1031 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 11Page - Analog Devices ADM1031 Datasheet HTML 12Page - Analog Devices ADM1031 Datasheet HTML 13Page - Analog Devices ADM1031 Datasheet HTML 14Page - Analog Devices ADM1031 Datasheet HTML 15Page - Analog Devices ADM1031 Datasheet HTML 16Page - Analog Devices ADM1031 Datasheet HTML 17Page - Analog Devices ADM1031 Datasheet HTML 18Page - Analog Devices ADM1031 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
REV. 0
ADM1031
–15–
RELEVANT REGISTERS FOR AUTOMATIC FAN SPEED
CONTROL MODE
Register 0x00 Configuration Register 1
<7>
Logic 1 selects Automatic Fan Speed Control, Logic 0
selects software control (Default = 1).
<6:5> 00 = Remote Temp 1 controls Fan 1, Remote Temp 2
controls Fan 2.
01 = Remote Temp 1 controls Fans 1 and 2
10 = Remote Temp 2 controls Fans 1 and 2
11 = Fastest Calculated Speed controls Fans 1 and 2
Register 0x20, 0x21 Fan Characteristics Registers 1, 2
<2:0> Fan X Spin-Up Time
000 = 200 ms
001 = 400 ms
010 = 600 ms
011 = 800 ms
100 = 1 sec
101 = 2 secs (Default)
110 = 4 secs
111 = 8 secs
<5:3> PWM Frequency Driving the Fan
000 = 11.7 Hz
001 = 15.6 Hz
010 = 23.4 Hz
011 = 31.25 Hz (Default)
100 = 37.5 Hz
101 = 46.9 Hz
110 = 62.5 Hz
111 = 93.5 Hz
<7:6> Speed Range N; defines the lowest fan speed that can be
measured by the device.
00 = 1: Lowest Speed = 2647 RPM
01 = 2: Lowest Speed = 1324 RPM
10 = 4: Lowest Speed = 662 RPM
11 = 8: Lowest Speed = 331 RPM
Register 0x22 Fan Speed Configuration Register
<3:0> Min Speed: This nibble contains the speed at which the
fan will run when the temperature is at TMIN. The default is
0x05, meaning that the fan will run at 33% duty cycle
when the temperature is at TMIN.
<7:4> Min Speed: Determines the minimum PWM cycle for
Fan 2 in Automatic Fan Speed Control Mode.
Register 0x24 Local Temperature TMIN/TRANGE
<7:3> Local Temperature TMIN. These bits set the temperature
at which the fan will turn on when under Auto Fan Speed
Control. TMIN can be programmed in 4
°C increments.
00000 = 0
°C
00001 = 4
°C
00010 = 8
°C
00011 = 12
°C
|
|
01000 = 32
°C (Default)
|
|
11110 = 120
°C
11111 = 124
°C
<2:0> Local Temperature TRANGE. This nibble sets the tem-
perature range over which Automatic Fan Speed Control
takes place.
000 = 5
°C
001 = 10
°C
010 = 20
°C
011 = 40
°C
100 = 80
°C
Register 0x25, 0x26 Remote 1, 2 Temperature TMIN/TRANGE
<7:3> Remote Temperature TMIN. Sets the temperature at
which the fan will switch on based on Remote X Tem-
perature Readings.
00000 = 0
°C
00001 = 4
°C
00010 = 8
°C
00011 = 12
°C
|
|
01100 = 48
°C
|
|
11110 = 120
°C
11111 = 124
°C
<2:0> Remote Temperature TRANGE. This nibble sets the tem-
perature range over which the fan will be controlled
based on Remote Temperature readings.
000 = 5
°C
001 = 10
°C
010 = 20
°C
011 = 40
°C
100 = 80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com