Electronic Components Datasheet Search
  English  ▼

X  

BGA324 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # BGA324
Description  The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

BGA324 Datasheet(HTML) 1 Page - ATMEL Corporation

  BGA324 Datasheet HTML 1Page - ATMEL Corporation BGA324 Datasheet HTML 2Page - ATMEL Corporation BGA324 Datasheet HTML 3Page - ATMEL Corporation BGA324 Datasheet HTML 4Page - ATMEL Corporation BGA324 Datasheet HTML 5Page - ATMEL Corporation BGA324 Datasheet HTML 6Page - ATMEL Corporation BGA324 Datasheet HTML 7Page - ATMEL Corporation BGA324 Datasheet HTML 8Page - ATMEL Corporation BGA324 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is a summary document.
The complete document is
available on the Atmel website
at www.atmel.com.
11121AS–ATARM–31-Jan-13
Description
The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU
based on the ARM
® Cortex™-A5 processor, achieving 536 MHz with power
consumption levels below 0.5 mW in low-power mode. The device features a floating
point unit for high-precision computing and accelerated data processing, and a high
data bandwidth architecture. It integrates advanced user interface and connectivity
peripherals and security features.
The SAMA5D3 series features an internal multi-layer bus architecture associated with
39 DMA channels to sustain the high bandwidth required by the processor and the
high-speed peripherals. The device offers support for DDR2/LPDDR/LPDDR2 and
MLC NAND Flash memory with 24-bit ECC.
The comprehensive peripheral set includes an LCD controller with overlays for
hardware-accelerated image composition, a touchscreen interface and a CMOS
sensor interface. Connectivity peripherals include Gigabit EMAC with IEEE1588,
10/100 EMAC, multiple CAN, UART, SPI and I2C. With its secure boot mechanism,
hardware accelerated engines for encryption (AES, TDES) and hash function (SHA),
the SAMA5D3 ensures anti-cloning, code protection and secure external data
transfers.
The SAMA5D3 series is optimized for control panel/HMI applications and applications
that require high levels of connectivity in the industrial and consumer markets. Its low-
power consumption levels make the SAMA5D3 particularly suited for battery-powered
devices.
There are four SAMA5D3 devices in this series. The following table shows the
differences in the embedded features. All other features are available on all derivatives;
this includes the three USB ports as well as the encryption engine and secure boot
features.
AT91SAM ARM-based Embedded MPU
SAMA5D3 Series
PRELIMINARY SUMMARY DATASHEET


Similar Part No. - BGA324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 NXP-BGA3015 Datasheet
151Kb / 15P
1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3015 PHILIPS-BGA3015_15 Datasheet
151Kb / 15P
1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
More results

Similar Description - BGA324

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9XE ATMEL-AT91SAM9XE_14 Datasheet
4Mb / 846P
Atmel | SMART ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46_14 Datasheet
5Mb / 1286P
Atmel | SMART ARM-based Embedded MPU
SAM9M10 ATMEL-SAM9M10_14 Datasheet
5Mb / 1385P
Atmel | SMART ARM-based Embedded MPU
SAM9M11 ATMEL-SAM9M11_14 Datasheet
6Mb / 1488P
Atmel | SMART ARM-based Embedded MPU
SAMA5D41 ATMEL-SAMA5D41_14 Datasheet
6Mb / 1776P
Atmel | SMART ARM-based Embedded MPU
SAMA5D42 ATMEL-SAMA5D42_14 Datasheet
6Mb / 1776P
Atmel | SMART ARM-based Embedded MPU
SAMA5D43 ATMEL-SAMA5D43_14 Datasheet
6Mb / 1776P
Atmel | SMART ARM-based Embedded MPU
SAMA5D44 ATMEL-SAMA5D44_14 Datasheet
6Mb / 1776P
Atmel | SMART ARM-based Embedded MPU
logo
Texas Instruments
TMS570LC4357 TI1-TMS570LC4357 Datasheet
10Mb / 227P
Hercules Microcontroller Based on the ARM짰 Cortex-R Core
logo
Microchip Technology
SAMA5D3 MICROCHIP-SAMA5D3 Datasheet
12Mb / 1818P
Low-Power Arm Cortex-A5 Processor-Based MPU, 536 MHz, FPU, Gigabit Ethernet with IEEE1588 plus 10/100 Ethernet, Dual CAN, AES, SHA
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com