Electronic Components Datasheet Search
  English  ▼

X  

BGA324 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # BGA324
Description  The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

BGA324 Datasheet(HTML) 5 Page - ATMEL Corporation

  BGA324 Datasheet HTML 1Page - ATMEL Corporation BGA324 Datasheet HTML 2Page - ATMEL Corporation BGA324 Datasheet HTML 3Page - ATMEL Corporation BGA324 Datasheet HTML 4Page - ATMEL Corporation BGA324 Datasheet HTML 5Page - ATMEL Corporation BGA324 Datasheet HTML 6Page - ATMEL Corporation BGA324 Datasheet HTML 7Page - ATMEL Corporation BGA324 Datasheet HTML 8Page - ATMEL Corporation BGA324 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
SAMA5D3 Series [SUMMARY DATASHEET]
11121AS–ATARM–31-Jan-13
3.
Signal Description
Table 3-1 gives details on the signal names classified by peripheral.
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Frequency
(MHz)
Comments
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
XOUT32
Slow Clock Oscillator Output
Output
VBG
Bias Voltage Reference for USB
Analog
PCK0 - PCK2
Programmable Clock Output
Output
Shutdown, Wakeup Logic
SHDN
Shut-Down Control
Output
WKUP
Wake-Up Input
Input
ICE and JTAG
TCK/SWCLK
Test Clock/Serial Wire Clock
Input
TDI
Test Data In
Input
TDO
Test Data Out
Output
TMS/SWDIO
Test Mode Select/Serial Wire Input/Output
I/O
JTAGSEL
JTAG Selection
Input
Reset/Test
NRST
Microcontroller Reset
I/O
Low
TST
Test Mode Select
Input
NTRST
Test Reset Signal
Input
BMS
Boot Mode Select
Input
Debug Unit - DBGU
DRXD
Debug Receive Data
Input
DTXD
Debug Transmit Data
Output
Advanced Interrupt Controller - AIC
IRQ
External Interrupt Input
Input
FIQ
Fast Interrupt Input
Input
PIO Controller - PIOA - PIOB - PIOC - PIOD - PIOE
PA0 - PAxx
Parallel IO Controller A
I/O
PB0 - PBxx
Parallel IO Controller B
I/O
PC0 - PCxx
Parallel IO Controller C
I/O
PD0 - PDxx
Parallel IO Controller D
I/O
PE0 - PExx
Parallel IO Controller E
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com