Electronic Components Datasheet Search
  English  ▼

X  

BGA324 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # BGA324
Description  The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

BGA324 Datasheet(HTML) 3 Page - ATMEL Corporation

  BGA324 Datasheet HTML 1Page - ATMEL Corporation BGA324 Datasheet HTML 2Page - ATMEL Corporation BGA324 Datasheet HTML 3Page - ATMEL Corporation BGA324 Datasheet HTML 4Page - ATMEL Corporation BGA324 Datasheet HTML 5Page - ATMEL Corporation BGA324 Datasheet HTML 6Page - ATMEL Corporation BGA324 Datasheet HTML 7Page - ATMEL Corporation BGA324 Datasheet HTML 8Page - ATMEL Corporation BGA324 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
SAMA5D3 Series [SUMMARY DATASHEET]
11121AS–ATARM–31-Jan-13
One Four-channel 16-bit PWM Controller
One 12-channel 12-bit Analog-to-Digital Converter with Resistive Touch-Screen function
Write Protected Registers
Security
TRNG: True Random Number Generator
Encryption Engine
AES: 256-bit, 192-bit, 128-bit Key Algorithm, Compliant with FIPS PUB 197 Specifications
TDES: Two-key or Three-key Algorithms, Compliant with FIPS PUB 46-3 Specifications
SHA: Supports Secure Hash Algorithm (SHA1, SHA224, SHA256, SHA384, SHA512)
Atmel® Secure Boot Solution
I/O
Five 32-bit Parallel Input/Output Controllers
160 I/Os
Input Change Interrupt Capability on Each I/O Line, Selectable Schmitt Trigger Input
Individually Programmable Open-drain, Pull-up and Pull-down Resistor, Synchronous Output, Filtering
Slew Rate Control on High Speed I/Os
Impedance Control on DDR I/Os
Package
324-ball LFBGA, pitch 0.8 mm
Table 1-1.
SAMA5D3 Devices
SAMA5D31
SAMA5D33
SAMA5D34
SAMA5D35
LCDC
XXX
GMAC
XXX
EMAC
X
X
CAN0, CAN1
X
X
HSMCI2
X
X
X
UART0
X
X
UART1
X
X
TC1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com