Electronic Components Datasheet Search
  English  ▼

X  

BGA324 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # BGA324
Description  The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

BGA324 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button BGA324 Datasheet HTML 14Page - ATMEL Corporation BGA324 Datasheet HTML 15Page - ATMEL Corporation BGA324 Datasheet HTML 16Page - ATMEL Corporation BGA324 Datasheet HTML 17Page - ATMEL Corporation BGA324 Datasheet HTML 18Page - ATMEL Corporation BGA324 Datasheet HTML 19Page - ATMEL Corporation BGA324 Datasheet HTML 20Page - ATMEL Corporation BGA324 Datasheet HTML 21Page - ATMEL Corporation BGA324 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
SAMA5D3 Series [SUMMARY DATASHEET]
11121AS–ATARM–31-Jan-13
Revision History
In the table that follows, the most recent version of the document appears first.
“rfo” indicates changes requested during the document review and approval loop.
Table 6-2.
Doc. Rev
Comments
Change
Request Ref.
11121AS
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com