Electronic Components Datasheet Search
  English  ▼

X  

BGA324 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # BGA324
Description  The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

BGA324 Datasheet(HTML) 4 Page - ATMEL Corporation

  BGA324 Datasheet HTML 1Page - ATMEL Corporation BGA324 Datasheet HTML 2Page - ATMEL Corporation BGA324 Datasheet HTML 3Page - ATMEL Corporation BGA324 Datasheet HTML 4Page - ATMEL Corporation BGA324 Datasheet HTML 5Page - ATMEL Corporation BGA324 Datasheet HTML 6Page - ATMEL Corporation BGA324 Datasheet HTML 7Page - ATMEL Corporation BGA324 Datasheet HTML 8Page - ATMEL Corporation BGA324 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
SAMA5D3 Series [SUMMARY DATASHEET]
11121AS–ATARM–31-Jan-13
2.
Block Diagram
Figure 2-1.
SAMA5D3 Block Diagram
AIC
PLLA
SysC
PMC
PLLUTMI
PIT
WDT
OSC 32K
SHDC
RSTC
POR
DBGU
4
GPBR
EBI
Reduced
Static
Memory
Controller
TWI0
TWI1
TWI2
USART0
USART1
USART2
USART3
4-CH
PWM
Osc12 MHz
POR
RTC
RC
HS
Trans
HS
Trans
HS
Trans
DDR2
LPDDR2
512 MB
12-CH
12-bit ADC
TouchScreen
SSC0
SSC1
PIO
PIO
NAND Flash
Controller
MCL/SLC
ECC
(4 KB SRAM)
HS EHCI
USB HOST
Cortex-A5
Multi-Layer Matrix
JTAG / SWD
In-Circuit Emulator
MMU
BIU
I/D
ICache
32 KB
DCache
32 KB
SRAM0
64 KB
LCD
DMA
DMA
ISI
DMA
DMA
DMA
GMAC
10/100/1000
8-CH
DMA0
PB
PA
VFP
PC
CAN0
CAN1
8-CH
DMA1
Peripheral
Bridge
TRNG
SHA
AES
TDES
MCI0/MCI1/MCI2
SD/SDIO
eMMC
HS USB
Device
DMA
EMAC
10/100
UART0
UART1
DDR_D0-DDR_D31
DDR_A0-DDR_A13
DDR_CS
DDR_CKE
DDR_RAS, DDR_CAS
DDR_CLK,DDR_CLKN
DDR_DQSN[3..0]
DDR_DQM[3..0]
DDR_WE
DDR_BA[2..0]
A0/NBS0
NCS0,NCS1,NCS2
NWR1/NBS1
A1-A20
NWAIT
NCS3/NANDCS
A21/NANDALE
A22/NANDCLE
FIQ
IRQ
DRXD
DTXD
PCK0-PCK2
VDDBU
SHDN
WKUP
XIN
NRST
XOUT
XIN32
XOUT32
TST
SPI0_, SPI1_
12 MHZ
RC Osc
SRAM1
64 KB
DDR_DQS[3..0]
BMS
NANDRDY
A23-A25
NRD/NANDOE
NWE/NWR0/NANDWE
D0-D15
DDR_VREF
SMD
TC0, TC1
TC2, TC3
TC4, TC5
SPI0
SPI1
ROM
160 KB
PIOA
PIOC
PIOB
PIOD
PIOE
Real-time
Events
DMA
DMA
DMA
DMA
DMA
DMA
DMA
DMA
DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com