Electronic Components Datasheet Search
  English  ▼

X  

BGA324 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # BGA324
Description  The Atmel SAMA5D3 series is a high-performance, power-efficient embedded MPU based on the ARM짰 Cortex??A5 processor, achieving 536 MHz with power consumption levels below 0.5 mW in low-power mode.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

BGA324 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button BGA324 Datasheet HTML 9Page - ATMEL Corporation BGA324 Datasheet HTML 10Page - ATMEL Corporation BGA324 Datasheet HTML 11Page - ATMEL Corporation BGA324 Datasheet HTML 12Page - ATMEL Corporation BGA324 Datasheet HTML 13Page - ATMEL Corporation BGA324 Datasheet HTML 14Page - ATMEL Corporation BGA324 Datasheet HTML 15Page - ATMEL Corporation BGA324 Datasheet HTML 16Page - ATMEL Corporation BGA324 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
SAMA5D3 Series [SUMMARY DATASHEET]
11121AS–ATARM–31-Jan-13
C2
VDDIOP0
GPIO
PC22
I/O
SPI1_MISO
I/O
PIO, I, PU, ST
G9
VDDIOP0
GPIO
PC23
I/O
SPI1_MOSI
I/O
PIO, I, PU, ST
C1
VDDIOP0
GPIO_CLK
PC24
I/O
SPI1_SPCK
I/O
PIO, I, PU, ST
H10
VDDIOP0
GPIO
PC25
I/O
SPI1_NPCS0
I/O
PIO, I, PU, ST
H9
VDDIOP0
GPIO
PC26
I/O
SPI1_NPCS1
O
TWD1
I/O
ISI_D11
I
PIO, I, PU, ST
D4
VDDIOP0
GPIO
PC27
I/O
SPI1_NPCS2
O
TWCK1
O
ISI_D10
I
PIO, I, PU, ST
H8
VDDIOP0
GPIO
PC28
I/O
SPI1_NPCS3
O
PWMFI0
I
ISI_D9
I
PIO, I, PU, ST
G5
VDDIOP0
GPIO
PC29
I/O
URXD0
I
PWMFI2
I
ISI_D8
I
PIO, I, PU, ST
D3
VDDIOP0
GPIO
PC30
I/O
UTXD0
O
ISI_PCK
O
PIO, I, PU, ST
E4
VDDIOP0
GPIO
PC31
I/O
FIQ
I
PWMFI1
I
PIO, I, PU, ST
K5
VDDIOP1
GPIO
PD0
I/O
MCI0_CDA
I/O
PIO, I, PU, ST
P1
VDDIOP1
GPIO
PD1
I/O
MCI0_DA0
I/O
PIO, I, PU, ST
K6
VDDIOP1
GPIO
PD2
I/O
MCI0_DA1
I/O
PIO, I, PU, ST
R1
VDDIOP1
GPIO
PD3
I/O
MCI0_DA2
I/O
PIO, I, PU, ST
L7
VDDIOP1
GPIO
PD4
I/O
MCI0_DA3
I/O
PIO, I, PU, ST
P2
VDDIOP1
GPIO
PD5
I/O
MCI0_DA4
I/O
TIOA0
I/O
PWMH2
O
PIO, I, PU, ST
L8
VDDIOP1
GPIO
PD6
I/O
MCI0_DA5
I/O
TIOB0
I/O
PWML2
O
PIO, I, PU, ST
R2
VDDIOP1
GPIO
PD7
I/O
MCI0_DA6
I/O
TCLK0
I
PWMH3
O
PIO, I, PU, ST
K7
VDDIOP1
GPIO
PD8
I/O
MCI0_DA7
I/O
PWML3
O
PIO, I, PU, ST
U2
VDDIOP1
MCI_CLK
PD9
I/O
MCI0_CK
I/O
PIO, I, PU, ST
K9
VDDIOP1
GPIO
PD10
I/O
SPI0_MISO
I/O
PIO, I, PU, ST
M5
VDDIOP1
GPIO
PD11
I/O
SPI0_MOSI
I/O
PIO, I, PU, ST
K10
VDDIOP1
GPIO_CLK
PD12
I/O
SPI0_SPCK
I/O
PIO, I, PU, ST
N4
VDDIOP1
GPIO
PD13
I/O
SPI0_NPCS0
I/O
PIO, I, PU, ST
L9
VDDIOP1
GPIO
PD14
I/O
SCK0
I/O
SPI0_NPCS1
O
CANRX0
I
PIO, I, PU, ST
N3
VDDIOP1
GPIO
PD15
I/O
CTS0
I
SPI0_NPCS2
O
CANTX0
O
PIO, I, PU, ST
L10
VDDIOP1
GPIO
PD16
I/O
RTS0
O
SPI0_NPCS3
O
PWMFI3
I
PIO, I, PU, ST
N5
VDDIOP1
GPIO
PD17
I/O
RXD0
I
PIO, I, PU, ST
M6
VDDIOP1
GPIO
PD18
I/O
TXD0
O
PIO, I, PU, ST
T1
VDDIOP1
GPIO
PD19
I/O
ADTRG
I
PIO, I, PU, ST
N2
VDDANA
GPIO_ANA
PD20
I/O
AD0
I
PIO, I, PU, ST
M3
VDDANA
GPIO_ANA
PD21
I/O
AD1
I
PIO, I, PU, ST
M2
VDDANA
GPIO_ANA
PD22
I/O
AD2
I
PIO, I, PU, ST
L3
VDDANA
GPIO_ANA
PD23
I/O
AD3
I
PIO, I, PU, ST
M1
VDDANA
GPIO_ANA
PD24
I/O
AD4
I
PIO, I, PU, ST
N1
VDDANA
GPIO_ANA
PD25
I/O
AD5
I
PIO, I, PU, ST
L1
VDDANA
GPIO_ANA
PD26
I/O
AD6
I
PIO, I, PU, ST
L2
VDDANA
GPIO_ANA
PD27
I/O
AD7
I
PIO, I, PU, ST
K1
VDDANA
GPIO_ANA
PD28
I/O
AD8
I
PIO, I, PU, ST
K2
VDDANA
GPIO_ANA
PD29
I/O
AD9
I
PIO, I, PU, ST
J1
VDDANA
GPIO_ANA
PD30
I/O
AD10
I
PCK0
O
PIO, I, PU, ST
J2
VDDANA
GPIO_ANA
PD31
I/O
AD11
I
PCK1
O
PIO, I, PU, ST
P13
VDDIOM
EBI
PE0
I/O
A0/NBS0
O
A,I, PD, ST
R14
VDDIOM
EBI
PE1
I/O
A1
O
A,I, PD, ST
Table 4-1.
SAMA5D3 Pinout for 324-ball LFBGA Package (Continued)
Primary
Alternate
PIO Peripheral A
PIO Peripheral B
PIO Peripheral C
Reset State
Pin
Power Rail
I/O Type
Signal
Dir
Signal
Dir
Signal
Dir
Signal
Dir
Signal
Dir
Signal, Dir,
PU, PD, HiZ,
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com