Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2173 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-2173
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2173 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-2173 Datasheet HTML 1Page - Analog Devices ADSP-2173 Datasheet HTML 2Page - Analog Devices ADSP-2173 Datasheet HTML 3Page - Analog Devices ADSP-2173 Datasheet HTML 4Page - Analog Devices ADSP-2173 Datasheet HTML 5Page - Analog Devices ADSP-2173 Datasheet HTML 6Page - Analog Devices ADSP-2173 Datasheet HTML 7Page - Analog Devices ADSP-2173 Datasheet HTML 8Page - Analog Devices ADSP-2173 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
DSP Microcomputer
The ADSP-217x combines the ADSP-2100 base architecture
(three computational units, data address generators, and a pro-
gram sequencer) with two serial ports, a host interface port, a
programmable timer, extensive interrupt capabilities, and on-
chip program and data memory.
In addition, the ADSP-217x supports new instructions, which
include bit manipulations–bit set, bit clear, bit toggle, bit test–
new ALU constants, new multiplication instruction (x squared),
biased rounding, and global interrupt masking, for increased
flexibility. The ADSP-217x also has a Bus Grant Hang Logic
(BGH) feature.
The ADSP-217x provides 2K words (24-bit) of program RAM
and 2K words (16-bit) of data memory. The ADSP-2172 pro-
vides an additional 8K words (24-bit) of program ROM. Power-
down circuitry is also provided to meet the low power needs of
battery operated portable equipment. The ADSP-217x is avail-
able in 128-pin TQFP and 128-pin PQFP packages.
Fabricated in a high-speed, double metal, low power, CMOS
process, the ADSP-217X operates with a 30 ns instruction cycle
time. Every instruction can execute in a single processor cycle.
The ADSP-217x’s flexible architecture and comprehensive in-
struction set allow the processor to perform multiple operations
in parallel. In one processor cycle the ADSP-217x can:
• generate the next program address
• fetch the next instruction
• perform one or two data moves
• update one or two data address pointers
• perform a computational operation
This takes place while the processor continues to:
• receive and transmit data through the two serial ports
• receive and/or transmit data through the host interface port
• decrement timer
FEATURES
30 ns Instruction Cycle Time (33 MIPS) from
16.67 MHz Crystal at 5.0 V
50 ns Instruction Cycle Time (20 MIPS) from 10 MHz
Crystal at 3.3 V
ADSP-2100 Family Code & Function Compatible with
New Instruction Set Enhancements for Bit Manipula-
tion Instructions, Multiplication Instructions, Biased
Rounding, and Global Interrupt Masking
Bus Grant Hang Logic
2K Words of On-Chip Program Memory RAM
2K Words of On-Chip Data Memory RAM
8K Words of On-Chip Program Memory ROM
(ADSP-2172)
8- or 16-Bit Parallel Host Interface Port
300 mW Typical Power Dissipation at 5.0 V at 30 ns
70 mW Typical Power Dissipation at 3.3 V at 50 ns
Powerdown Mode Featuring Less than 0.55 mW (ADSP-
2171/ADSP-2172) or 0.36 mW (ADSP-2173) CMOS
Standby Power Dissipation with 100 Cycle Recovery
from Powerdown
Dual Purpose Program Memory for Both Instruction
and Data Storage
Independent ALU, Multiplier/Accumulator, and Barrel
Shifter Computational Units
Two Independent Data Address Generators
Powerful Program Sequencer Provides
Zero Overhead Looping
Conditional Instruction Execution
Two Double-Buffered Serial Ports with Companding
Hardware and Automatic Data Buffering
Programmable 16-Bit Interval Timer with Prescaler
Programmable Wait State Generation
Automatic Booting of Internal Program Memory from
Byte-Wide External Memory, e.g., EPROM, or
Through Host Interface Port
Stand-Alone ROM Execution (Optional)
Single-Cycle Instruction Execution
Single-Cycle Context Switch
Multifunction Instructions
Three Edge- or Level-Sensitive External Interrupts
Low Power Dissipation in Standby Mode
128-Lead TQFP and 128-Lead PQFP
GENERAL DESCRIPTION
The ADSP-2171, ADSP-2172, and ADSP-2173 are single-chip
microcomputers optimized for digital signal processing (DSP)
and other high-speed numeric processing applications. The
ADSP-2171 and ADSP-2172 are designed for 5.0 V applica-
tions. The ADSP-2173 is designed for 3.3 V applications. The
ADSP-2172 also has 8K words (24-bit) of program ROM.
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
EXTERNAL
ADDRESS
BUS
EXTERNAL
DATA
BUS
ARITHMETIC UNITS
SHIFTER
MAC
ALU
MEMORY
SERIAL PORTS
SPORT 0
SPORT 1
FLAGS
DATA
ADDRESS
GENERATORS
DAG 1
DAG 2
PROGRAM
SEQUENCER
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
DATA MEMORY DATA
TIMER
PROGRAM MEMORY DATA
DATA
MEMORY
2K x 16
PROGRAM
ROM
8K x 24
PROGRAM
RAM
2K x 24
POWERDOWN
CONTROL
LOGIC
HOST
INTERFACE
PORT
ADSP-2100 BASE
ARCHITECTURE
ADSP-2171/ADSP-2172/ADSP-2173


Similar Part No. - ADSP-2173

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2173 AD-ADSP-2173_15 Datasheet
665Kb / 52P
DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2173

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
DSP Microcomputer
REV.C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
DSP Microcomputer
REV.0
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
DSP Microcomputer
REV.0
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
DSP Microcomputer
REV. 0
ADSP-21065LKSZ-240 AD-ADSP-21065LKSZ-240 Datasheet
588Kb / 44P
DSP Microcomputer
REV. C
ADSP-2184NKSTZ-320 AD-ADSP-2184NKSTZ-320 Datasheet
1Mb / 48P
DSP Microcomputer
REV. A
ADSP-2185NKSTZ-320 AD-ADSP-2185NKSTZ-320 Datasheet
1Mb / 48P
DSP Microcomputer
REV. A
ADSP-2187LBSTZ-210 AD-ADSP-2187LBSTZ-210 Datasheet
630Kb / 48P
DSP Microcomputer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com