Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2173 Datasheet(PDF) 35 Page - Analog Devices

Part # ADSP-2173
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2173 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADSP-2173 Datasheet HTML 31Page - Analog Devices ADSP-2173 Datasheet HTML 32Page - Analog Devices ADSP-2173 Datasheet HTML 33Page - Analog Devices ADSP-2173 Datasheet HTML 34Page - Analog Devices ADSP-2173 Datasheet HTML 35Page - Analog Devices ADSP-2173 Datasheet HTML 36Page - Analog Devices ADSP-2173 Datasheet HTML 37Page - Analog Devices ADSP-2173 Datasheet HTML 38Page - Analog Devices ADSP-2173 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
ADSP-2171/ADSP-2172/ADSP-2173
REV. A
–35–
ADSP-2173
Parameter
Min
Max
Unit
Bus Request/Grant
Timing Requirement:
tBH
BR
Hold after CLKOUT High
1
0.25tCK + 2
ns
tBS
BR
Setup before CLKOUT Low
1
0.25tCK + 22
ns
Switching Characteristic:
tSD
CLKOUT High to DMS, PMS, BMS,
0.25tCK + 16
ns
RD
, WR Disable
tSDB
DMS
, PMS, BMS, RD, WR
Disable to BG Low
0
ns
tSE
BG
High to DMS, PMS, BMS,
RD
, WR Enable
0
ns
tSEC
DMS
, PMS, BMS, RD, WR
Enable to CLKOUT High
0.25tCK – 10
ns
tSDBH
DMS
, PMS, BMS, RD, WR
Disable to BGH Low
2
0ns
tSEH
BGH
High to DMS, PMS, BMS,
RD
, WR Enable
2
0ns
NOTES
1BR is an asynchronous signal. If BR meets the setup/hold requirements, it will be recognized during the current clock cycle; otherwise the signal will be recognized
on the following cycle. Refer to the ADSP-2100 Family User’s Manual for BR/BG cycle relationships.
2BGH is asserted when the bus is granted and the processor requires control of the bus to continue.
t
BS
BR
t
BH
CLKOUT
PMS, DMS
BMS, RD
WR
BG
CLKOUT
t
SD
t
SDB
t
SE
t
SEC
tSDBH
BGH
tSEH
Figure 26. Bus Request–Bus Grant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com