Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2173 Datasheet(PDF) 29 Page - Analog Devices

Part # ADSP-2173
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2173 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADSP-2173 Datasheet HTML 25Page - Analog Devices ADSP-2173 Datasheet HTML 26Page - Analog Devices ADSP-2173 Datasheet HTML 27Page - Analog Devices ADSP-2173 Datasheet HTML 28Page - Analog Devices ADSP-2173 Datasheet HTML 29Page - Analog Devices ADSP-2173 Datasheet HTML 30Page - Analog Devices ADSP-2173 Datasheet HTML 31Page - Analog Devices ADSP-2173 Datasheet HTML 32Page - Analog Devices ADSP-2173 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
ADSP-2171/ADSP-2172/ADSP-2173
REV. A
–29–
ADSP-2171/ADSP-2172
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating:
TAMB = TCASE – (PD × θCA)
TCASE = Case Temperature in °C
PD = Power Dissipation in W
θ
CA = Thermal Resistance (Case-to-Ambient)
θ
JA = Thermal Resistance (Junction-to-Ambient)
θ
JC = Thermal Resistance (Junction-to-Case)
Package
θ
JA
θ
JC
θ
CA
TQFP
50
°C/W
2
°C/W
48
°C/W
PQFP
41
°C/W
10
°C/W
31
°C/W
POWER DISSIPATION
To determine total power dissipation in a specific application,
the following equation should be applied for each output:
C
× V
DD
2
× f
C = load capacitance, f = output switching frequency.
Example:
In an application where external data memory is used and no
other outputs are active, power dissipation is calculated as
follows:
Assumptions:
• External data memory is accessed every cycle with 50% of the
address pins switching.
• External data memory writes occur every other cycle with
50% of the data pins switching.
• Each address and data pin has a 10 pF total load at the pin.
• The application operates at V
DD = 5.0 V and tCK = 30 ns.
Total Power Dissipation = PINT + (C × VDD
2
× f )
PINT = internal power dissipation from Power vs. Frequency
graph (Figure 18).
(C
× V
DD
2
× f ) is calculated for each output:
# of
Pins
× C
× V
DD
2
× f
Address, DMS
8
× 10 pF × 52 V × 33.3 MHz = 66.6 mW
Data Output, WR 9
× 10 pF × 52 V × 16.67 MHz = 37.5 mW
RD
1
× 10 pF × 52 V × 16.67 MHz =
4.2 mW
CLKOUT
1
× 10 pF × 52 V × 33.3 MHz =
8.3 mW
116.6 mW
Total power dissipation for this example is PINT + 116.6 mW.
VALID FOR ALL TEMPERATURE GRADES.
1 POWER REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS.
2 IDLE REFERS TO ADSP-2171 STATE OF OPERATION DURING
EXECUTION OF IDLE INSTRUCTION. DEASSERTED PINS ARE
DRIVEN TO EITHER V
DD OR GND. POWER REFLECTS DEVICE
OPERATING WITH CLKOUT DISABLED.
3 TYPICAL POWER DISSIPATION AT 5.0V V
DD DURING EXECUTION
OF
IDLE N INSTRUCTION (CLOCK FREQUENCY REDUCTION).
POWER REFLECTS DEVICE OPERATING WITH CLKOUT DISABLED.
POWER, INTERNAL
V
DD
= 4.5V
186mW
382mW
229mW
148mW
110mW
27
23
21
19
17
15
25
13
31
29
33
V
DD
= 5.0V
V
DD
= 5.5V
225
175
200
300
250
275
325
375
350
400
150
125
301mW
1
/ t
CK
– MHz
POWER, IDLE
50
40
45
65
55
60
70
80
75
85
35
30
27
23
21
19
17
15
25
13
31
29
33
1
/ t
CK
– MHz
48mW
37mW
26mW
82mW
48mW
64mW
V
DD
= 4.5V
V
DD
= 5.0V
V
DD
= 5.5V
IDLE;
IDLE (16)
IDLE (128)
27
23
21
19
17
15
25
13
31
29
33
1
/ t
CK
– MHz
POWER,
IDLE n MODES
82mW
20mW
37mW
23mW
31mW
64mW
44
36
40
56
48
52
60
68
64
72
32
28
24
20
16
28mW
3
1, 2
1
Figure 18. Power vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com