Electronic Components Datasheet Search
  English  ▼

X  

ADV7175A Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 4 Page - Analog Devices

  ADV7175A Datasheet HTML 1Page - Analog Devices ADV7175A Datasheet HTML 2Page - Analog Devices ADV7175A Datasheet HTML 3Page - Analog Devices ADV7175A Datasheet HTML 4Page - Analog Devices ADV7175A Datasheet HTML 5Page - Analog Devices ADV7175A Datasheet HTML 6Page - Analog Devices ADV7175A Datasheet HTML 7Page - Analog Devices ADV7175A Datasheet HTML 8Page - Analog Devices ADV7175A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
–4–
REV. B
ADV7175A/ADV7176A–SPECIFICATIONS
Parameter
Conditions1
Min
Typ
Max
Units
Filter Characteristics
Luma Bandwidth3 (Low-Pass Filter)
NTSC Mode
Stopband Cutoff
>54 dB Attenuation
7.0
MHz
Passband Cutoff F3 dB
>3 dB Attenuation
4.2
MHz
Chroma Bandwidth
NTSC Mode
Stopband Cutoff
>40 dB Attenuation
3.2
MHz
Passband Cutoff F3 dB
>3 dB Attenuation
2.0
MHz
Luma Bandwidth3 (Low-Pass Filter)
PAL MODE
Stopband Cutoff
>50 dB Attenuation
7.4
MHz
Passband Cutoff F3 dB
>3 dB Attenuation
5.0
MHz
Chroma Bandwidth
PAL MODE
Stopband Cutoff
>40 dB Attenuation
4.0
MHz
Passband Cutoff F3 dB
>3 dB Attenuation
2.4
MHz
Differential Gain4
Normal Power Mode
0.4
%
Differential Phase
4
Normal Power Mode
0.4
Degree
Differential Gain
4
Lower Power Mode
2.0
%
Differential Phase4
Lower Power Mode
1.0
Degree
SNR
4 (Pedestal)
RMS
80
dB rms
SNR
4 (Pedestal)
Peak Periodic
70
dB p-p
SNR4 (Ramp)
RMS
60
dB rms
SNR
4 (Ramp)
Peak Periodic
58
dB p-p
Hue Accuracy
4
0.5
Degree
Color Saturation Accuracy4
1.0
%
Chroma Nonlinear Gain
4
Referenced to 40 IRE
0.6
±%
Chroma Nonlinear Phase
4
NTSC
0.2
±Degree
Chroma Nonlinear Phase4
PAL
0.4
±Degree
Chroma/Luma Intermod
4
Referenced to 714 mV (NTSC)
0.1
±%
Chroma/Luma Intermod
4
Referenced to 700 mV (PAL)
0.1
±%
Chroma/Luma Gain Ineq
4
0.6
±%
Chroma/Luma Delay Ineq
4
2.0
ns
Luminance Nonlinearity
4
1.0
±%
Chroma AM Noise
4
66
dB
Chroma PM Noise
4
63
dB
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V.
2Temperature range T
MIN to TMAX: 0°C to +70°C.
3These specifications are for the low-pass filter only and guaranteed by design. For other internal filters, see Figure 4.
4Guaranteed by characterization.
Specifications subject to change without notice.
5 V DYNAMIC SPECIFICATIONS1
(VAA = +4.75 V – 5.25 V
1, V
REF = 1.235 V RSET = 150
. All specifications TMIN to TMAX
2
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com