Electronic Components Datasheet Search
  English  ▼

X  

ADV7175A Datasheet(PDF) 26 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV7175A Datasheet HTML 22Page - Analog Devices ADV7175A Datasheet HTML 23Page - Analog Devices ADV7175A Datasheet HTML 24Page - Analog Devices ADV7175A Datasheet HTML 25Page - Analog Devices ADV7175A Datasheet HTML 26Page - Analog Devices ADV7175A Datasheet HTML 27Page - Analog Devices ADV7175A Datasheet HTML 28Page - Analog Devices ADV7175A Datasheet HTML 29Page - Analog Devices ADV7175A Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
ADV7175A/ADV7176A
–26–
REV. B
Genlock Control (MR22–MR21)
These bits control the genlock feature of the ADV7175A/
ADV7176A. Setting MR21 to a Logic “1” configures the
SCRESET/RTC pin as an input. Setting MR22 to Logic Level
“0” configures the SCRESET/RTC pin as a subcarrier reset
input, therefore, the subcarrier will reset to Field 0, following a
high-to-low transition on the SCRESET/RTC pin. Setting
MR22 to Logic Level “1” configures the SCRESET/RTC pin as
a real-time control input.
Active Video Line Control (MR23)
This bit switches between two active video line durations. A
zero selects ITU-R BT.470 (720 pixels PAL/NTSC) and a one
selects ITU-R/SMPTE “analog” standard for active video dura-
tion (710 pixels NTSC 702 pixels PAL).
Chrominance Control (MR24)
This bit enables the color information to be switched on and off
the video output.
Burst Control (MR25)
This bit enables the burst information to be switched on and off
the video output.
RGB/YUV Control (MR26)
This bit enables the output from the RGB DACs to be set to
YUV output video standard. Bit MR06 of Mode Register 0
must be set to Logic Level “1” before MR26 is set.
Lower Power Control (MR27)
This bit enables the lower power mode of the ADV7175A/
ADV7176A. This will reduce the DAC current by 50%.
NTSC PEDESTAL/PAL TELETEXT CONTROL
REGISTERS 3–0 (PCE15–0, PCO15–0)/ (TXE15–0, TXO15–0)
(Subaddress [SR4–SR0] = 11–0EH)
These 8-bit wide registers are used to set up the NTSC pedes-
tal/PAL teletext on a line-by-line basis in the vertical blanking
interval for both odd and even fields. Figures 40 and 41 show
the four control registers. A Logic “1” in any of the bits of these
registers has the effect of turning the pedestal OFF on the
equivalent line when used in NTSC. A Logic “1” in any of the
bits of these registers has the effect of turning teletext ON the
equivalent line when used in PAL.
FIELD 1/3
PCO6
PCO5
PCO3
PCO1
PCO4
PCO2
PCO0
PCO7
LINE 17 LINE 16 LINE 15 LINE 14 LINE 13 LINE 12 LINE 11 LINE 10
PCO14
PCO13
PCO11
PCO9
PCO12
PCO10
PCO8
PCO15
LINE 25 LINE 24 LINE 23 LINE 22 LINE 21 LINE 20 LINE 19 LINE 18
FIELD 1/3
FIELD 2/4
PCE6
PCE5
PCE3
PCE1
PCE4
PCE2
PCE0
PCE7
LINE 17 LINE 16 LINE 15 LINE 14 LINE 13 LINE 12 LINE 11 LINE 10
PCE14
PCE13
PCE11
PCE9
PCE12
PCE10
PCE8
PCE15
LINE 25 LINE 24 LINE 23 LINE 22 LINE 21 LINE 20 LINE 19 LINE 18
FIELD 2/4
Figure 40. Pedestal Control Registers
FIELD 1/3
FIELD 1/3
FIELD 2/4
FIELD 2/4
TXO6
TXO5
TXO3
TXO1
TXO4
TXO2
TXO0
TXO7
LINE 14 LINE 13 LINE 12 LINE 11 LINE 10 LINE 9
LINE 8 LINE 7
TXO14
TXO13
TXO11
TXO9
TXO12
TXO10
TXO8
TXO15
LINE 22 LINE 21 LINE 20 LINE 19 LINE 18 LINE 17 LINE 16 LINE 15
TXE6
TXE5
TXE3
TXE1
TXE4
TXE2
TXE0
TXE7
TXE14
TXE13
TXE11
TXE9
TXE12
TXE10
TXE8
TXE15
LINE 14 LINE 13 LINE 12 LINE 11 LINE 10 LINE 9
LINE 8
LINE 7
LINE 22 LINE 21 LINE 20 LINE 19 LINE 18 LINE 17 LINE 16 LINE 15
Figure 41. Teletext Control Registers
MODE REGISTER 3 MR3 (MR37–MR30)
(Address [SR4–SR0] = 12H)
Mode Register 3 is an 8-bit wide register.
Figure 42 shows the various operations under the control of
Mode Register 3.
MR3 BIT DESCRIPTION
Revision Code (MR30)
This bit is read only and indicates the revision of the device.
VBI Pass-Through Control (MR31)
This bit determines whether or not data in the vertical blanking
interval (VBI) is output to the analog outputs or blanked.
Reserved (MR33–MR32)
These bits are reserved.
Teletext Enable (MR34)
This bit must be set to “1” to enable teletext data insertion on
the TTX pin.
MR21
MR27
MR22
MR23
MR26
MR25
MR24
MR20
CHROMINANCE
CONTROL
0
ENABLE COLOR
1
DISABLE COLOR
MR24
GENLOCK SELECTION
x
0
DISABLE GENLOCK
0
1
ENABLE SUBCARRIER
RESET PIN
1
1
ENABLE RTC PIN
MR22 MR21
RGB/YUV
CONTROL
0
RGB OUTPUT
1
YUV OUTPUT
MR26
SQUARE PIXEL
CONTROL
0
DISABLE
1
ENABLE
MR20
BURST
CONTROL
0
ENABLE BURST
1
DISABLE BURST
MR25
LOWER POWER
MODE
0
DISABLE
1
ENABLE
MR27
ACTIVE VIDEO LINE WIDTH
CONTROL
0
720 PIXELS ACTIVE LINE
1
ITU-R/SMPTE ACTIVE LINE
MR23
Figure 39. Mode Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com