Electronic Components Datasheet Search
  English  ▼

X  

ADV7175A Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 1 Page - Analog Devices

  ADV7175A Datasheet HTML 1Page - Analog Devices ADV7175A Datasheet HTML 2Page - Analog Devices ADV7175A Datasheet HTML 3Page - Analog Devices ADV7175A Datasheet HTML 4Page - Analog Devices ADV7175A Datasheet HTML 5Page - Analog Devices ADV7175A Datasheet HTML 6Page - Analog Devices ADV7175A Datasheet HTML 7Page - Analog Devices ADV7175A Datasheet HTML 8Page - Analog Devices ADV7175A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADV7175A/ADV7176A*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
High Quality, 10-Bit, Digital CCIR-601
to PAL/NTSC Video Encoder
FUNCTIONAL BLOCK DIAGRAM
FEATURES
ITU-R BT601/656 YCrCb to PAL/NTSC Video Encoder
High Quality 10-Bit Video DACs
Integral Nonlinearity <1 LSB at 10 Bits
NTSC-M, PAL-M/N, PAL-B/D/G/H/I
Single 27 MHz Clock Required ( 2 Oversampling)
80 dB Video SNR
32-Bit Direct Digital Synthesizer for Color Subcarrier
Multistandard Video Output Support:
Composite (CVBS)
Component S-Video (Y/C)
Component YUV and RGB
EuroSCART Output (RGB + CVBS/LUMA)
Video Input Data Port Supports:
CCIR-656 4:2:2 8-Bit Parallel Input Format
4:2:2 16-Bit Parallel Input Format
SMPTE 170M NTSC Compatible Composite Video
ITU-R BT.470 PAL Compatible Composite Video
Full Video Output Drive or Low Signal Drive Capability
34.7 mA max into 37.5
(Doubly-Terminated 75R)
5 mA min with External Buffers
Programmable Simultaneous Composite
and S-Video Y/C or RGB (SCART)/YUV Video Outputs
Programmable Luma Filters (Low-Pass/Notch/Extended)
Programmable VBI (Vertical Blanking Interval)
Programmable Subcarrier Frequency and Phase
Programmable LUMA Delay
Individual ON/OFF Control of Each DAC
CCIR and Square Pixel Operation
Integrated Subcarrier Locking to External Video Source
Color Signal Control/Burst Signal Control
Interlaced/Noninterlaced Operation
Complete On-Chip Video Timing Generator
Programmable Multimode Master/Slave Operation
Macrovision Antitaping Rev 7.01 (ADV7175A Only)**
Closed Captioning Support
Teletext Insertion Port (PAL-WST)
Onboard Color Bar Generation
Onboard Voltage Reference
2-Wire Serial MPU Interface (I2C Compatible)
Single Supply +5 V or + 3 V Operation
Small 44-Lead PQFP Thermally Enhanced Package
APPLICATIONS
MPEG-1 and MPEG-2 Video, DVD, Digital Satellite/
Cable Systems (Set Top Boxes/IRDs), Digital TVs,
CD Video/Karaoke, Video Games, PC Video/Multimedia
*Protected by U.S. patents numbers 5,343,196 and 5,442,355 and other intellectual property rights.
**This device is protected by U.S. Patent Numbers 4631603, 4577216, 4819098 and other intellectual property rights. The Macrovision anticopy process is
licensed for noncommercial home use only, which is its sole intended use in the device. Please contact sales office for latest Macrovision version available.
NOTE: ITU-R and CCIR are used interchangeably in this document (ITU-R has replaced CCIR recommendations).
(Continued on page 11)
GENERAL DESCRIPTION
The ADV7175A/ADV7176A is an integrated digital video en-
coder that converts Digital CCIR-601 4:2:2 8 or 16-bit compo-
nent video data into a standard analog baseband television
YUV TO
RBG
MATRIX
VAA
8
8
8
10
8
8
8
10
8
8
8
10
INTER-
POLATOR
YCrCb
TO
YUV
MATRIX
SIN/COS
DDS BLOCK
10
10
10
10
10
10
M
U
L
T
I
P
L
E
X
E
R
VIDEO TIMING
GENERATOR
I2C MPU PORT
4:2:2 TO
4:4:4
INTER-
POLATOR
VOLTAGE
REFERENCE
CIRCUIT
SCLOCK SDATA ALSB
HSYNC
FIELD/
VSYNC
BLANK
CLOCK
GND
DAC D (PIN 27)
DAC A (PIN 32)
VREF
RSET
COMP
V
LOW-PASS
FILTER
ADD
BURST
8
8
8
ADV7175A/ADV7176A
10-BIT
DAC
COLOR
DATA
P7–P0
P15–P8
10-BIT
DAC
10-BIT
DAC
REAL-TIME
CONTROL
CIRCUIT
SCRESET/RTC
INTER-
POLATOR
ADD
BURST
INTER-
POLATOR
ADD
SYNC
U
LOW-PASS
FILTER
Y
LOW-PASS
FILTER
10-BIT
DAC
DAC C (PIN 26)
DAC B (PIN 31)
TELETEXT
INSERTION
BLOCK
TTXREQ
TTX
RESET


Similar Part No. - ADV7175A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results

Similar Description - ADV7175A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV.A
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV.0
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
ADV7170 AD-ADV7170_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7178 AD-ADV7178_15 Datasheet
697Kb / 44P
Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com