Electronic Components Datasheet Search
  English  ▼

X  

ADV7175A Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7175A
Description  High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7175A Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7175A Datasheet HTML 20Page - Analog Devices ADV7175A Datasheet HTML 21Page - Analog Devices ADV7175A Datasheet HTML 22Page - Analog Devices ADV7175A Datasheet HTML 23Page - Analog Devices ADV7175A Datasheet HTML 24Page - Analog Devices ADV7175A Datasheet HTML 25Page - Analog Devices ADV7175A Datasheet HTML 26Page - Analog Devices ADV7175A Datasheet HTML 27Page - Analog Devices ADV7175A Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
ADV7175A/ADV7176A
–24–
REV. B
MODE REGISTER 1 MR1 (MR17–MR10)
(Address (SR4–SR0) = 01H)
Figure 33 shows the various operations under the control of Mode
Register 1. This register can be read from as well as written to.
MR1 BIT DESCRIPTION
Interlaced Mode Control (MR10)
This bit is used to set up the output to interlaced or noninter-
laced mode. This mode is only relevant when the part is in
composite video mode.
Closed Captioning Field Control (MR12–MR11)
These bits control the fields on which closed captioning data is
displayed; closed captioning information can be displayed on an
odd field, even field or both fields.
DAC Control (MR16–MR13)
These bits can be used to power down the DACs. This can
be used to reduce the power consumption of the ADV7175A/
ADV7176A if any of the DACs are not required in the application.
Color Bar Control (MR17)
This bit can be used to generate and output an internal color
bar test pattern. The color bar configuration is 75/7.5/75/7.5
for NTSC and 100/0/75/0 for PAL. It is important to note that
when color bars are enabled the ADV7175A/ADV7176A is
configured in a master timing mode as per the one selected by
bits TR01 and TR02.
SUBCARRIER FREQUENCY REGISTER 3-0
(FSC3–FSC0)
(Address [SR4–SR0] = 05H–02H)
These 8-bit wide registers are used to set up the subcarrier fre-
quency. The value of these registers are calculated by using the
following equation:
Subcarrier Frequency Register =
232 –1
FCLK
× F
SCF
i.e.: NTSC Mode,
FCLK = 27 MHz,
FSCF = 3.5795454 MHz
Subcarrier Frequency Value =
232 –1
27
×106
× 3.5795454 ×106
= 21F07C16 HEX
Figure 34 shows how the frequency is set up by the four registers.
SUBCARRIER
FREQUENCY
REG 3
SUBCARRIER
FREQUENCY
REG 2
SUBCARRIER
FREQUENCY
REG 1
SUBCARRIER
FREQUENCY
REG 0
FSC30
FSC29
FSC27
FSC25
FSC28
FSC24
FSC31
FSC26
FSC22
FSC21
FSC19
FSC17
FSC20
FSC16
FSC23
FSC18
FSC14
FSC13
FSC11
FSC9
FSC12
FSC8
FSC15
FSC10
FSC6
FSC5
FSC3
FSC1
FSC4
FSC0
FSC7
FSC2
Figure 34. Subcarrier Frequency Register
SUBCARRIER PHASE REGISTER (FP7–FP0)
(Address [SR4–SR0] = 06H)
This 8-bit wide register is used to set up the subcarrier phase.
Each bit represents 1.41
°.
TIMING REGISTER 0 (TR07–TR00)
(Address [SR4–SR0] = 07H)
Figure 35 shows the various operations under the control of
Timing Register 0. This register can be read from as well as
written to. This register can be used to adjust the width and
position of the master mode timing signals.
TR0 BIT DESCRIPTION
Master/Slave Control (TR00)
This bit controls whether the ADV7175A/ADV7176A is in
master or slave mode.
Timing Mode Control (TR02–TR01)
These bits control the timing mode of the ADV7175A/
ADV7176A. These modes are described in the Timing and
Control section of the data sheet.
BLANK Control (TR03)
This bit controls whether the
BLANK input is used when the
part is in slave mode.
Luma Delay Control (TR05–TR04)
These bits control the addition of a luminance delay. Each bit
represents a delay of 74 ns.
Pixel Port Select (TR06)
This bit is used to set the pixel port to accept 8-bit or 16-bit
data. If an 8-bit input is selected the data will be set up on Pins
P7–P0.
Timing Register Reset (TR07)
Toggling TR07 from low to high and low again resets the inter-
nal timing counters. This bit should be toggled after power-up,
reset or changing to a new timing mode.
TR01
TR00
TR07
TR02
TR03
TR05
TR06
TR04
TIMING
REGISTER RESET
TR07
BLACK INPUT
CONTROL
0
ENABLE
1
DISABLE
TR03
PIXEL PORT
CONTROL
0
8-BIT
1
16-BIT
TR06
MASTER/SLAVE
CONTROL
0
SLAVE TIMING
1
MASTER TIMING
TR00
LUMA DELAY
0
0
0ns DELAY
0
1
74ns DELAY
1
0
148ns DELAY
1
1
222ns DELAY
TR05 TR04
TIMING MODE
SELECTION
0
0
MODE 0
0
1
MODE 1
1
0
MODE 2
1
1
MODE 3
TR02 TR01
Figure 35. Timing Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com