Electronic Components Datasheet Search
  English  ▼

X  

ADV7195KST Datasheet(PDF) 15 Page - Analog Devices

Part # ADV7195KST
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7195KST Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV7195KST Datasheet HTML 11Page - Analog Devices ADV7195KST Datasheet HTML 12Page - Analog Devices ADV7195KST Datasheet HTML 13Page - Analog Devices ADV7195KST Datasheet HTML 14Page - Analog Devices ADV7195KST Datasheet HTML 15Page - Analog Devices ADV7195KST Datasheet HTML 16Page - Analog Devices ADV7195KST Datasheet HTML 17Page - Analog Devices ADV7195KST Datasheet HTML 18Page - Analog Devices ADV7195KST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
REV. A
ADV7195
–15–
Table II must be followed when programming the control sig-
nals in Async Timing Mode.
Table II. Truth Table
SYNC
TSYNC
DV
1 –> 0
0
0 or 1
50% Point of Falling Edge of
Tri-Level Horizontal Sync
Signal, A
0
0 –> 1
0 or 1
25% Point of Rising Edge of
Tri-Level Horizontal Sync
Signal, B
0 –> 1
0 or 1
0
50% Point of Falling Edge of
Tri-Level Horizontal Sync
Signal, C
1
0 or 1
0 –> 1
50% Start of Active Video, D
1
0 or 1
1 –> 0
50% End of Active Video, E
AB
C
D
E
CLK
SYNC
TSYNC
DV
SET MR06 = 1
PROGRAMMABLE
INPUT TIMING
ANALOG
OUTPUT
ACTIVE VIDEO
HORIZONTAL SYNC
66
81
66
243
1920
Figure 17. Async Timing Mode—Programming Input Control Signals for SMPTE295M Compatibility
VIDEO
OUTPUT
HSYNC
525
VSYNC
DV
112
13
42
43
Figure 18. DV Input Control Signal in Relation to Video Output Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com