Electronic Components Datasheet Search
  English  ▼

X  

ADV7195KST Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7195KST
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7195KST Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7195KST Datasheet HTML 12Page - Analog Devices ADV7195KST Datasheet HTML 13Page - Analog Devices ADV7195KST Datasheet HTML 14Page - Analog Devices ADV7195KST Datasheet HTML 15Page - Analog Devices ADV7195KST Datasheet HTML 16Page - Analog Devices ADV7195KST Datasheet HTML 17Page - Analog Devices ADV7195KST Datasheet HTML 18Page - Analog Devices ADV7195KST Datasheet HTML 19Page - Analog Devices ADV7195KST Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
REV. A
ADV7195
–16–
MODE REGISTER 1
MR1 (MR17–MR10)
(Address (SR4–SR0) = 01H)
Figure 20 shows the various operations under the control of
Mode Register 1.
MR1 BIT DESCRIPTION
Pixel Data Enable (MR10)
When this bit is set to “0,” the pixel data input to the ADV7195
is blanked such that a black screen is output from the DACs.
When this bit is set to “1,” pixel data is accepted at the input
pins and the ADV7195 outputs the standard set in “Output
Standard Selection” (MR01–00). This bit also must be set to
“1” to enable output of the test pattern signals.
Input Format (MR11)
It is possible to input data in 4:2:2 format or at 4:4:4 format at
27 MHz.
Test Pattern Enable (MR12)
Enables or disables the internal test pattern generator.
Test Pattern Hatch/Frame (MR13)
If this bit is set to “0,” a crosshatch test pattern is output from
the ADV7195 (for example, in SMPTE293M, 11 horizontal
and 11 vertical white lines, four pixels wide are displayed against
a black background). The crosshatch test pattern can be used to
test monitor convergence. If this bit is set to “1,” a uniform
colored frame/field test pattern is output from the ADV7195.
The color of the lines or the frame/field is by default white but
can be programmed to be any color using the Color Y, Color
Cr, Color Cb registers.
VBI Open (MR14)
This bit enables or disables the facility of VBI data insertion
during the Vertical Blanking Interval.
For this purpose Lines 13 to 42 of each frame can be used for
VBI when SMPTE293M standard is used, or Lines 6 to 43
when ITU-R.BT1358 standard is used.
Undershoot Limiter (MR15–MR16)
This control limits the Y signal to a programmable level
in the active video region.
Available limit levels are –1.5 IRE, –6 IRE, –11 IRE.
Note that this facility is only available when Interpolation is
enabled (MR36 = “1”).
Sharpness Filter (MR17)
This control bit enables or disables the Sharpness Filter Mode.
This bit must be set to “1” for any values programmed into the
Filter Gain Register to take effect. It must also be set to “1” when
Adaptive Filter mode is used.
Refer to Sharpness Filter Control and Adaptive Filter
Control section.
–6 IRE
0 IRE
–40 IRE
100 IRE
Figure 19. Undershoot Limiter, Programmed to –6 IRE
MR17
MR16
MR15
MR14
MR13
MR12
MR11
MR10
UNDERSHOOT
LIMITER
0
0
DISABLE
01
–11 IRE
10
–6 IRE
11
–1.5 IRE
MR16 MR15
TEST PATTERN
HATCH/FRAME
0
HATCH
1
FIELD/FRAME
MR13
SHARPNESS
FILTER
0
DISABLE
1
ENABLE
MR17
VBI OPEN
MR14
0
DISABLE
1
ENABLE
TEST PATTERN
ENABLE
0
DISABLE
1
ENABLE
MR12
PIXEL DATA
ENABLE
0
DISABLE
1
ENABLE
MR10
INPUT FORMAT
0
4:4:4 Y Cr Cb
1
4:2:2 Y Cr Cb
MR11
Figure 20. Mode Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com