Electronic Components Datasheet Search
  English  ▼

X  

ADV7195KST Datasheet(PDF) 26 Page - Analog Devices

Part # ADV7195KST
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7195KST Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV7195KST Datasheet HTML 22Page - Analog Devices ADV7195KST Datasheet HTML 23Page - Analog Devices ADV7195KST Datasheet HTML 24Page - Analog Devices ADV7195KST Datasheet HTML 25Page - Analog Devices ADV7195KST Datasheet HTML 26Page - Analog Devices ADV7195KST Datasheet HTML 27Page - Analog Devices ADV7195KST Datasheet HTML 28Page - Analog Devices ADV7195KST Datasheet HTML 29Page - Analog Devices ADV7195KST Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
REV. A
ADV7195
–26–
Figure 49 shows an example of how to program the ADV7195
to accept a different high definition standard but SMPTE293M,
SMPTE274M, SMPTE296M or ITU-R.BT1358 standard.
Reserved (MR04)
A “0” must be written to this bit.
Input Standard (MR05)
Select between 1080i or 720p input.
DV Polarity (MR06)
This control bit allows to select the polarity of the DV input
control signal to be either active high or active low.
Reserved (MR07)
A “0” must be written to this bit.
Table IX. Truth Table
SYNC
TSYNC
DV
1 –> 0
0
0 or 1
50% Point of Falling Edge of
Tri-Level Horizontal Sync
Signal, A
0
0 –> 1
0 or 1
25% Point of Rising Edge of
Tri-Level Horizontal Sync
Signal, B
0 –> 1
0 or 1
0
50% Point of Falling Edge of
Tri-Level Horizontal Sync
Signal, C
1
0 or 1
0 –> 1
50% Start of Active Video, D
1
0 or 1
1 –> 0
50% End of Active Video, E
CLK
SYNC
TSYNC
DV
SET MR06 = 1
PROGRAMMABLE
INPUT TIMING
ANALOG
OUTPUT
AB
C
D
E
243
ACTIVE VIDEO
1920
66
66
81
HORIZONTAL SYNC
Figure 48. Async Timing Mode—Programming Input Control Signals for SMPTE295M Compatibility
VIDEO
OUTPUT
HSYNC
525
VSYNC
DV
112
13
42
43
Figure 49. DV Input Control Signal in Relation to Video Output Signal
HDTV MODE
MODE REGISTER 0
MR0 (MR07–MR00)
(Address (SR4–SR0) = 00H)
Figure 50 shows the various operations under the control of
Mode Register 0.
MR0 BIT DESCRIPTION
Output Standard Selection (MR00-MR01)
These bits are used to select the output levels from the ADV7195.
If EIA-770.3 (MR01–00 = “00”) is selected, the output levels will
be: 0 mV for blanking level, 700 mV for peak white (Y channel),
±350 mV for Pr, Pb outputs and –300 mV for tri-level sync.
If Full Input Range (MR01–00 = “10”) is selected, the output
levels will be 700 mV for peak white for the Y channel,
±350 mV
for Pr, Pb outputs and –300 mV for Sync. This mode is used for
RS-170, RS-343A standard output compatibility.
Sync insertion on the Pr, Pb channels is optional. For output
levels, refer to the Appendix.
Input Control Signals (MR02–MR03)
These control bits are used to select whether data is input with
external horizontal, vertical and blanking sync signals or if the
data is input with embedded EAV/SAV codes. An Asynchro-
nous timing mode is also available using TSYNC,
SYNC and
DV as input control signals. These timing control signals have
to be programmed by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com