Electronic Components Datasheet Search
  English  ▼

X  

ADV7195KST Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7195KST
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7195KST Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7195KST Datasheet HTML 13Page - Analog Devices ADV7195KST Datasheet HTML 14Page - Analog Devices ADV7195KST Datasheet HTML 15Page - Analog Devices ADV7195KST Datasheet HTML 16Page - Analog Devices ADV7195KST Datasheet HTML 17Page - Analog Devices ADV7195KST Datasheet HTML 18Page - Analog Devices ADV7195KST Datasheet HTML 19Page - Analog Devices ADV7195KST Datasheet HTML 20Page - Analog Devices ADV7195KST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
REV. A
ADV7195
–17–
MODE REGISTER 2
MR1 (MR27–MR20)
(Address (SR4–SR0) = 02H)
Figure 22 shows the various operations under the control of
Mode Register 2.
MR2 BIT DESCRIPTION
Y Delay (MR20–MR22)
This control bit delays the Y signal with respect to the falling
edge of the horizontal sync signal by up to four pixel clock
cycles. Figure 21 demonstrates this facility.
Color Delay (MR23–MR25)
This control allows delay of the color signals with respect to the
falling edge of the horizontal sync signal by up to four pixel
clock cycles. Figure 21 demonstrates this facility.
CGMS Enable (MR26)
When this bit is set to “1,” CGMS data is inserted on Line
41 in 525p mode. The CGMS conforms to CGMS-A EIA-J
CPR1204-1, Transfer Method of Video ID information using
vertical blanking interval (525p System), March 1998 and
IEC61880, 1998, video systems (525/60)—video and accompanied
data using the vertical blanking interval—analog interface.
The CGMS data bits are programmed into the CGMS Data
Registers 0–2. For more information refer to CGMS Data
Registers section.
CGMS CRC (MR27)
This bit enables the automatic Cyclic Redundancy Check when
CGMS is enabled.
Y DELAY
PrPb DELAY
MAX
DELAY
NO DELAY
MAX DELAY
NO DELAY
Y OUTPUT
PrPb OUTPUT
Figure 21. Y and Color Delay
MR27
MR26
MR25
MR24
MR23
MR22
MR21
MR20
CGMS ENABLE
0
DISABLE
1
ENABLE
MR26
COLOR DELAY
0
0
0
0 PCLK
0
0
1
1 PCLK
0
1
0
2 PCLK
0
1
1
3 PCLK
1
0
0
4 PCLK
MR25
0
DISABLE
1
ENABLE
MR27
CGMS CRC
MR24 MR23
Y DELAY
0
0
0
0 PCLK
0
0
1
1 PCLK
0
1
0
2 PCLK
0
1
1
3 PCLK
1
0
0
4 PCLK
MR22 MR21 MR20
Figure 22. Mode Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com