Electronic Components Datasheet Search
  English  ▼

X  

ADV7195KST Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7195KST
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7195KST Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7195KST Datasheet HTML 28Page - Analog Devices ADV7195KST Datasheet HTML 29Page - Analog Devices ADV7195KST Datasheet HTML 30Page - Analog Devices ADV7195KST Datasheet HTML 31Page - Analog Devices ADV7195KST Datasheet HTML 32Page - Analog Devices ADV7195KST Datasheet HTML 33Page - Analog Devices ADV7195KST Datasheet HTML 34Page - Analog Devices ADV7195KST Datasheet HTML 35Page - Analog Devices ADV7195KST Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
REV. A
ADV7195
–33–
EIA-770.2, STANDARD FOR Y
INPUT CODE
940
64
960
512
64
OUTPUT VOLTAGE
700mV
0mV
–300mV
EIA-770.2, STANDARD FOR Pr/Pb
OUTPUT VOLTAGE
350mV
0mV
–300mV
–350mV
ACTIVE VIDEO
ACTIVE VIDEO
Figure 61. EIA-770.2 Standard Output Signals (525p)
EIA-770.1, STANDARD FOR Y
INPUT CODE
940
64
960
512
64
OUTPUT VOLTAGE
782mV
0mV
–286mV
EIA-770.1, STANDARD Pr/Br
OUTPUT VOLTAGE
350mV
0mV
–300mV
–350mV
ACTIVE VIDEO
ACTIVE VIDEO
714mV
Figure 62. EIA-770.1 Standard Output Signals (525p)
EIA-770.3, STANDARD FOR Y
INPUT CODE
940
64
960
512
OUTPUT VOLTAGE
700mV
0mV
–300mV
EIA-770.3, STANDARD FOR Pr/Pb
OUTPUT VOLTAGE
350mV
–350mV
ACTIVE VIDEO
ACTIVE VIDEO
64
300mV
300mV
0mV
–300mV
Figure 63. EIA-770.3 Standard Output Signals (1080i, 720p)
INPUT CODE
1023
64
OUTPUT VOLTAGE
700mV
0mV
–300mV
OUTPUT VOLTAGE
ACTIVE VIDEO
ACTIVE VIDEO
64
0mV
–300mV
1023
Y-OUTPUT LEVELS
FOR FULL I/P SELECTION
PrPb-OUTPUT LEVELS
FOR FULL I/P SELECTION
700mV
Figure 64. Output Levels for Full I/P Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com