Electronic Components Datasheet Search
  English  ▼

X  

DSP16210 Datasheet(PDF) 39 Page - Agere Systems

Part # DSP16210
Description  DSP16210 Digital Signal Processor
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP16210 Datasheet(HTML) 39 Page - Agere Systems

Back Button DSP16210 Datasheet HTML 35Page - Agere Systems DSP16210 Datasheet HTML 36Page - Agere Systems DSP16210 Datasheet HTML 37Page - Agere Systems DSP16210 Datasheet HTML 38Page - Agere Systems DSP16210 Datasheet HTML 39Page - Agere Systems DSP16210 Datasheet HTML 40Page - Agere Systems DSP16210 Datasheet HTML 41Page - Agere Systems DSP16210 Datasheet HTML 42Page - Agere Systems DSP16210 Datasheet HTML 43Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 173 page
background image
Data Sheet
July 2000
DSP16210 Digital Signal Processor
Lucent Technologies Inc.
DRAFT COPY
39
Hardware Architecture (continued)
Enhanced Serial I/O Unit (ESIO) (continued)
Simple Output Mode Processing. The ESIO output
block operates in simple mode when OMODE (bit 10)
of the OCR register is set to 1. In this mode, the pro-
grammer must set the OCVV register to 0x0001. The
ESIO disables the output frame error (EOFE) and out-
put collision (ECOL) interrupts.
In simple mode, the ESIO supports double-buffered
8-bit and 16-bit LSB-first serial operation. Eight-bit
serial operation is selected by setting OSIZE (bit 9) of
the OCR register.
See Figure 14 on page 38 for a diagram of the output
multiplexer structure. The program writes 8-bit or 16-bit
data into the OMX0 register. (8-bit data must be right-
justified in OMX0). On the rising edge of the first OBC
clock after frame sync (OFS) detection, the data is
transferred from OMX0 to the 16-bit parallel-to-serial
register (ODLD0 in Figure 14 is asserted). During this
same OBC clock (illustrated as OBCQ0 in Figure 14),
the LSB of the data (B0) is applied to the EDO pin. On
each subsequent rising edge of OBC, the remaining
bits are applied to EDO. The simple mode output timing
diagram (for OLEV = 0, OSLEV = 0, and OSIZE = 0) is
illustrated in Figure 53 on page 167.
Frame Output Mode Processing. The ESIO operates
in frame output mode when OMODE (bit 10) of the
OCR register is cleared. (OMODE is cleared on reset.)
The ESIO multiplexes up to 16 channels of data onto a
serial stream consisting of a frame of 64, 128, 192, or
256 bits. The frame size is specified by OFRMSZ
(bits [13:12]) of the OCR register. The start of a new
frame is signaled by the rising edge of the output frame
sync (OFS). Serial data is captured by the falling edge
of the output bit clock (OBC) (see Figure 13 on
page 37).
See Figure 14 on page 38 for a diagram of the output
multiplexed into EDO. The output section contains
16 double-buffered 16-bit parallel-to-serial output multi-
plexers. Each logical channel has a dedicated 16-bit
parallel write register (OMX
〈0—15〉) and has a dedi-
cated 16-bit shift register that transmits serial data for
that channel. Each shift register is clocked individually
by OBCQ[15:0], a qualified OBC bit clock that starts
when the internal bit counter matches the output logical
channel start bit specified by the corresponding
OCSB
〈0—7〉 register (see Table 13).
Table 13. Output Channel Start Bit Registers
OMX
〈0—15〉 are 16-bit write-only memory-mapped
registers that are written if the core writes to the corre-
sponding memory location (see Table 12 on page 36).
The ESIO asserts ODLD
n for logical channel n (see
Figure 14 on page 38) to load the channel’s parallel-to-
serial register with the contents of the OMXn register.
All 16 parallel-to-serial registers are loaded simulta-
neously when the first frame sync (OFS) is asserted
following initialization of the output section. (See the
following discussion for a description of output section
initialization.) The parallel-to-serial register for
channel
n is subsequently loaded (ODLDn asserted)
every 2, 4, 8, or 16 frames depending on the sample
length programmed for channel
n via OCSL
〈0—1〉 (see
Table 61 on page 103). This transfer permits the core
to write a new 16-bit word of channel data into OMXn
while the old word is shifted out serially.
15—8
7—0
OCSB0
Channel 1
Channel 0
OCSB1
Channel 3
Channel 2
OCSB2
Channel 5
Channel 4
OCSB3
Channel 7
Channel 6
OCSB4
Channel 9
Channel 8
OCSB5
Channel 11
Channel 10
OCSB6
Channel 13
Channel 12
OCSB7
Channel 15
Channel 14
Field
Value
Description
Channel 0
to
Channel 15
0x00
to
0xFF
Start bit position for correspond-
ing logical output channel.
Ranges from 0 to 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com