Electronic Components Datasheet Search
  English  ▼

X  

DSP16210 Datasheet(PDF) 49 Page - Agere Systems

Part # DSP16210
Description  DSP16210 Digital Signal Processor
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP16210 Datasheet(HTML) 49 Page - Agere Systems

Back Button DSP16210 Datasheet HTML 45Page - Agere Systems DSP16210 Datasheet HTML 46Page - Agere Systems DSP16210 Datasheet HTML 47Page - Agere Systems DSP16210 Datasheet HTML 48Page - Agere Systems DSP16210 Datasheet HTML 49Page - Agere Systems DSP16210 Datasheet HTML 50Page - Agere Systems DSP16210 Datasheet HTML 51Page - Agere Systems DSP16210 Datasheet HTML 52Page - Agere Systems DSP16210 Datasheet HTML 53Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 173 page
background image
Data Sheet
July 2000
DSP16210 Digital Signal Processor
Lucent Technologies Inc.
DRAFT COPY
49
Hardware Architecture (continued)
Simple Serial I/O (SSIO) Unit
The SSIO provides a 26 Mbits/s serial interface to
many codecs and signal processors with few, if any,
additional components. The high-speed, double-buff-
ered port supports back-to-back transmissions of data.
The SSIO is configurable as active or passive and is a
DMA peripheral that interfaces to IORAM1 through
MIOU1.
There are four active clock speeds selectable by ACLK
(bits 7 and 8) of the simple serial I/O control register
(SSIOC). (See Table 70 on page 110.)
A bit-reversal mode under control of SSIOC register
bit 6 provides compatibility with either the most signifi-
cant bit (MSB) first or least significant bit (LSB) first
serial I/O formats.
The serial data can be internally looped back (DO
looped back to DI) by setting the SSIO loopback con-
trol bit, SIOLB (bit 9) of the ioc register. SIOLB affects
only the SSIO.
Setting data out delay (DODLY), bit 10, of SSIOC to 1
delays DO by one phase of OCK so that DO changes
on the falling edge of OCK instead of the rising edge
(DODLY = 0). This reduces the time available for DO to
drive DI and to be valid for the rising edge of ICK, but
increases the hold time on DO by half a cycle of OCK.
A falling edge on the SYNC input pin causes the resyn-
chronization of the active input load (ILD) and output
load (OLD) generators. This input has typically 0.7 V
hysteresis. If SYNC is not used, it must be tied low.
Programmable Modes
SSIOC controls the programmable modes of operation
for the SSIO. This register, shown in Table 70 on
page 110, is used to set the port into various configura-
tions. Both input and output operations can be inde-
pendently configured as either active or passive. When
active, the DSP16210 generates load and clock sig-
nals. When passive, load and clock signal pins are
inputs.
Since input and output can be independently config-
ured, the SSIO has four different modes of operation.
The SSIOC register is also used to select the fre-
quency of active clocks for the SSIO. Finally, SSIOC is
used to configure the serial I/O data formats. The data
can be 8 or 16 bits long, and can also be input/output
MSB or LSB first. Input and output data formats can be
independently configured.
The SSIOC register is programmed through MIOU1.
Parallel Host Interface (PHIF16)
The DSP16210 has a 16-bit parallel host bus interface
for rapid transfer of data with external devices. PHIF16
is a DMA peripheral that interfaces to IORAM0 through
MIOU0.
This parallel port is passive (data strobes provided by
an external device) and supports either
Motorola or
Intel microcontroller protocols. The PHIF16 can be
configured by software to operate with either an 8-bit or
16-bit external interface. (See the PHIFC register,
Table 63 on page 104.)
In 8-bit external configuration, PHIF16 provides for 8-bit
or 16-bit logical data transfers. 8-bit data is right-
justified. As a flexible host interface, it requires little or
no glue logic to interface to other devices (e.g., micro-
controllers, microprocessors, or another DSP).
The logical data path of the PHIF16 consists of a 16-bit
input register, PDX(in), and a 16-bit output register,
PDX(out). PDX(in) is loaded with host data from the
16-bit data bus PB[15:0]. PDX(out) is loaded by MIOU0
with output data from the IORAM0 location addressed
by the MIOU output read pointer 0 (morp0) register.
Two output pins, parallel input buffer full (PIBF) and
parallel output buffer empty (POBE), indicate the state
of the PDX buffers. In addition, there are two registers
used to control and monitor the PHIF's operation: the
parallel host interface control register (PHIFC, see
Table 63 on page 104), and the PHIF16 status register
(PSTAT, see Table 24 on page 51). The PSTAT regis-
ter, which reflects the state of the PIBF and POBE
flags, can only be read by an external device when the
PSTAT input pin is asserted. The PHIFC register
defines the programmable options for this port and is
programmed through MIOU0 using PCTL_LD, the
peripheral control load command (see Table 18 on
page 44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com