Electronic Components Datasheet Search
  English  ▼

X  

DSP16210 Datasheet(PDF) 48 Page - Agere Systems

Part # DSP16210
Description  DSP16210 Digital Signal Processor
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP16210 Datasheet(HTML) 48 Page - Agere Systems

Back Button DSP16210 Datasheet HTML 44Page - Agere Systems DSP16210 Datasheet HTML 45Page - Agere Systems DSP16210 Datasheet HTML 46Page - Agere Systems DSP16210 Datasheet HTML 47Page - Agere Systems DSP16210 Datasheet HTML 48Page - Agere Systems DSP16210 Datasheet HTML 49Page - Agere Systems DSP16210 Datasheet HTML 50Page - Agere Systems DSP16210 Datasheet HTML 51Page - Agere Systems DSP16210 Datasheet HTML 52Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 173 page
background image
Data Sheet
DSP16210 Digital Signal Processor
July 2000
48
DRAFT COPY
Lucent Technologies Inc.
Hardware Architecture (continued)
Modular I/O Units (MIOUs) (continued)
MIOU Command Latencies
As a consequence of the pipelined IDB (internal data bus), there is a write-to-read latency for data move instruc-
tions that access peripheral (off-core) registers. DSP initiated MIOU operations incur a delay before completion of
the operation can be observed in a DSP flag or register. These latencies are summarized in Table 21.
Table 21. MIOU Command Latencies
MIOU Command†
† Key to these columns: REG is any register, MEM is any memory location, ILEN_UP is a value (immediate, register contents, or memory loca-
tion contents) such that bits [15:12] are 0x4, OLEN_UP is a value (immediate, register contents, or memory location contents) such that bits
[15:12] are 0x5, and INSTR is any conditional instruction.
Subsequent
Instruction†
Latency
(Cycles)
Example
mcmd
〈0,1〉 =
〈ILEN_UP, OLEN_UP, RESET〉
ireturn
(return from interrupt
service routine)
4
mcmd0=0x4010
4*nop
ireturn
ILEN_UP command clears
MIBF0 request. 4 nops are
needed to avoid uninten-
tional re-entry into ISR.
ins =
〈REG, MEM〉
(clear interrupt pending
bit within a polling rou-
tine)
6
mcmd1=0x6000
6*nop
ins=0x00008
a0=ins
RESET command clears
MIBF1 request and sets
MOBE1 request. 6 nops
are needed before MIBF1
bit in ins can be cleared.
mcmd
〈0,1〉 = OLEN_UP
〈REG, MEM〉 = alf
(poll MBUSY1 in alf)
5
mcmd1=0x5001
5*nop
if mbusy1 goto wait
Five instruction cycles are
required between an OLEN
update and the test of the
MBUSY1 flag for comple-
tion of the corresponding
output operation.
if mbusy
〈0,1〉 INSTR
(poll MBUSY1 with con-
ditional instruction.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com