Electronic Components Datasheet Search
  English  ▼

X  

OR2C04A Datasheet(PDF) 139 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 139 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 135Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 136Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 137Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 138Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 139Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 140Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 141Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 142Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 143Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
139
Timing Characteristics (continued)
Note: Speed grades of -5, -6, and -7 are for OR2TxxA devices only.
Table 36A. OR2CxxA and OR2TxxA Asynchronous Memory Write Characteristics (MA/MB Modes)
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤
+85 °C.
Parameter
Symbol
Speed
Unit
-2
-3
-4
-5
-6
-7
Min Max Min Max Min Max Min Max Min Max Min Max
Write Operation (TJ = 85 °C, VDD = min):
Write Cycle Time
Write Enable (WREN) Pulse Width (A4/B4)
TWC
TPW
9.3
3.0
—
—
7.8
2.5
—
—
6.3
2.0
—
—
5.7
1.8
—
—
5.2
1.7
—
—
5.1
1.6
—
—
ns
ns
Setup Time (TJ = 85 °C, VDD = min):
Address to WREN (A[3:0]/B[3:0] to A4/B4)
Data to WREN (WD[3:0] to A4/B4)
Address to WPE (A[3:0]/B[3:0] to C0)
Data to WPE (WD[3:0] to C0)
WPE to WREN (C0 to A4/B4)
MEM*_AWRSET
MEM*_DWRSET
MEM*_APWRSET
MEM*_DPWRSET
MEM*_WPESET
0.1
0.0
0.0
0.0
2.5
—
—
—
—
—
0.1
0.0
0.0
0.0
2.0
—
—
—
—
—
0.0
0.0
0.0
0.0
1.5
—
—
—
—
—
0.0
0.0
0.0
0.0
1.4
—
—
—
—
—
0.0
0.0
0.0
0.0
1.1
—
—
—
—
—
0.0
0.0
0.0
0.0
1.1
—
—
—
—
—
ns
ns
ns
ns
ns
Hold Time (TJ = all, VDD = all):
Address from WREN (A[3:0]/B[3:0] from A4/B4)
Data from WREN (WD[3:0] from A4/B4)
Address from WPE (A[3:0/B[3:0] to C0)
Data from WPE (WD[3:0] to C0)
WPE from WREN (C0 from A4/B4)
MEM*_WRAHLD
MEM*_WRDHLD
MEM*_PWRAHLD
MEM*_PWRDHLD
MEM*_WPEHLD
2.4
2.4
3.8
3.9
0.0
—
—
—
—
—
1.7
2.0
3.3
3.4
0.0
—
—
—
—
—
1.8
1.9
2.8
2.9
0.0
—
—
—
—
—
1.6
1.5
2.5
2.6
0.0
—
—
—
—
—
1.6
1.6
2.4
2.4
0.0
—
—
—
—
—
1.5
1.6
2.3
2.3
0.0
—
—
—
—
—
ns
ns
ns
ns
ns
Table 36B. OR2TxxB Asynchronous Memory Write Characteristics (MA/MB Modes)
OR2TxxB Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxB Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤
+85 °C.
Parameter
Symbol
Speed
Unit
-7
-8
MinMax
MinMax
Write Operation (TJ = 85 °C, VDD = min):
Write Cycle Time
Write Enable (WREN) Pulse Width (A4/B4)
TWC
TPW
5.1
1.7
—
—
4.2
1.4
—
—
ns
ns
Setup Time (TJ = 85 °C, VDD = min):
Address to WREN (A[3:0]/B[3:0] to A4/B4)
Data to WREN (WD[3:0] to A4/B4)
Address to WPE (A[3:0]/B[3:0] to C0)
Data to WPE (WD[3:0] to C0)
WPE to WREN (C0 to A4/B4)
MEM*_AWRSET
MEM*_DWRSET
MEM*_APWRSET
MEM*_DPWRSET
MEM*_WPESET
0.0
0.0
0.0
0.0
1.0
—
—
—
—
—
0.0
0.0
0.0
0.0
0.8
—
—
—
—
—
ns
ns
ns
ns
ns
Hold Time (TJ = all, VDD = all):
Address from WREN (A[3:0]/B[3:0] from A4/B4)
Data from WREN (WD[3:0] from A4/B4)
Address from WPE (A[3:0/B[3:0] to C0)
Data from WPE (WD[3:0] to C0)
WPE from WREN (C0 from A4/B4)
MEM*_WRAHLD
MEM*_WRDHLD
MEM*_PWRAHLD
MEM*_PWRDHLD
MEM*_WPEHLD
0.9
1.6
2.3
2.3
0.0
—
—
—
—
—
0.7
1.3
1.9
1.9
0.0
—
—
—
—
—
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com