Electronic Components Datasheet Search
  English  ▼

X  

OR2C04A Datasheet(PDF) 156 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 156 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 152Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 153Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 154Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 155Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 156Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 157Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 158Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 159Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 160Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
156
Lucent Technologies Inc.
Timing Characteristics (continued)
Notes:
If the input buffer is placed in delay mode, the chip hold time to the nearest PFU latch is guaranteed to be 0 if the clock is routed using the
primary clock network; (TJ = all, VDD = all). It should also be noted that any signals routed on the clock lines or using the TRIDI buffers directly
from the input buffer do not get delayed at any time.
The delays for all input buffers assume an input rise/fall time of
≤1 V/ns.
Speed grades of -5, -6, and -7 are for OR2TxxA devices only
Table 46A. OR2CxxA/OR2TxxA Programmable I/O Cell Timing Characteristics
OR2CxxA Commercial: VDD = 5.0 V ± 5%, 0 °C
≤ TA ≤ 70 °C; OR2CxxA Industrial: VDD = 5.0 V ± 10%, –40 °C ≤ TA ≤ +85 °C.
OR2TxxA Commercial: VDD = 3.0 V to 3.6 V, 0 °C
≤ TA ≤ 70 °C; OR2TxxA Industrial: VDD = 3.0 V to 3.6 V, –40 °C ≤ TA ≤ +85 °C.
Parameter
Symbol
Speed
Unit
-2
-3
-4
-5
-6
-7
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Inputs (TJ = 85 °C, VDD = min)
Input Rise Time
TR
—
500
—
500
—
500
—
500
—
500
—
500
ns
Input Fall Time
TF
—
500
—
500
—
500
—
500
—
500
—
500
ns
Pad to In Delay
PAD_IN_DEL
—
1.7
—
1.5
—
1.3
—
1.2
—
1.2
—
1.1
ns
Pad to Nearest PFU Latch Output
CHIP_LATCH
—
6.2
—
4.7
—
4.1
—
3.5
—
3.1
—
2.9
ns
Delay Added to General Routing
(input buffer in delay mode for
OR2C/2T15A and smaller
devices)
—
—
8.1
—
7.0
—
6.0
—
5.9
—
6.2
—
5.8
ns
Delay Added to General Routing
(input buffer in delay mode for
OR2C/2T26A and OR2C/2T40A)
—
—
11.0
—
9.7
—
8.6
—
8.6
—
9.0
—
8.6
ns
Delay Added to Direct-FF Routing
(input buffer in delay mode for
OR2C/2T15A and smaller
devices)
—
—
8.0
—
6.8
—
5.9
—
6.0
—
6.4
—
6.0
ns
Delay Added to Direct-FF Routing
(input buffer in delay mode for
OR2C/2T26A and OR2C/2T40A)
—
—
10.9
—
10.2
—
8.5
—
8.6
—
9.1
—
7.9
ns
Outputs (TJ = 85 °C, VDD = min, CL = 50 pF)
PFU CK to Pad Delay (DOUT[3:0] to
PAD):
Fast
Slewlim
Sinklim
DOUT_DEL(F)
DOUT_DEL(SL)
DOUT_DEL(SI)
—
—
—
7.1
9.4
11.2
—
—
—
6.2
8.4
10.5
—
—
—
5.5
7.4
9.4
—
—
—
5.0
6.4
9.5
—
—
—
4.4
5.6
8.3
—
—
—
3.3
4.1
7.2
ns
ns
ns
Output to Pad Delay (OUT[3:0] to
PAD):
Fast
Slewlim
Sinklim
OUT_DEL(F)
OUT_DEL(SL)
OUT_DEL(SI)
—
—
—
5.0
6.7
9.8
—
—
—
4.0
6.3
7.2
—
—
—
3.6
5.5
7.5
—
—
—
3.1
4.5
7.6
—
—
—
2.7
3.9
6.5
—
—
—
2.3
3.1
6.2
ns
ns
ns
3-state Enable Delay (TS[3:0] to
PAD):
Fast
Slewlim
Sinklim
TS_DEL(F)
TS_DEL(SL)
TS_DEL(SI)
—
—
—
5.8
7.5
10.6
—
—
—
4.7
7.0
7.9
—
—
—
4.0
6.3
8.4
—
—
—
3.5
5.2
9.3
—
—
—
3.1
4.7
8.0
—
—
—
2.5
3.7
7.6
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com