Electronic Components Datasheet Search
  English  ▼

X  

AD5689 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5689
Description  Dual, 16-/12-Bit nanoDAC with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689 Datasheet(HTML) 4 Page - Analog Devices

  AD5689 Datasheet HTML 1Page - Analog Devices AD5689 Datasheet HTML 2Page - Analog Devices AD5689 Datasheet HTML 3Page - Analog Devices AD5689 Datasheet HTML 4Page - Analog Devices AD5689 Datasheet HTML 5Page - Analog Devices AD5689 Datasheet HTML 6Page - Analog Devices AD5689 Datasheet HTML 7Page - Analog Devices AD5689 Datasheet HTML 8Page - Analog Devices AD5689 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5689/AD5687
Data Sheet
Rev. 0 | Page 4 of 24
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (SDO)2
Output Low Voltage (VOL)
0.4
V
ISINK = 200
μA
Output High Voltage (VOH)
VLOGIC − 0.4
V
ISOURCE = 200
μA
Floating State Output Capacitance
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
V
ILOGIC
3
µA
VDD
2.7
5.5
V
Gain = 1
VDD
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode7
0.59
0.7
mA
All Power-Down Modes8
1
4
µA
−40°C to +85°C
6
µA
−40°C to +105°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV; it exists only when VREF = VDD with gain = 1 or when VREF/2 =
VDD with gain = 2. Linearity is calculated using a reduced code range of 256 to 65,280 (AD5689) and 12 to 4080 (AD5687).
2
Guaranteed by design and characterization; not production tested.
3
Channel A can have an output current of up to 30 mA. Similarly, Channel B can have an output current of up to 30 mA, up to a junction temperature of 110°C.
4
VDD = 5 V. The devices include current limiting that is intended to protect them during temporary overload conditions. Junction temperature may be exceeded during
current limit, but operation above the specified maximum operation junction temperature can impair device reliability.
5
When drawing a load current at either rail, the output voltage headroom, with respect to that rail, is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 23).
6
Initial accuracy presolder reflow is ±750 µV; output voltage includes the effects of preconditioning drift.
7
Interface inactive. Both DACs active. DAC outputs unloaded.
8
Both DACs powered down.
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; 1.8 V ≤ VLOGIC ≤ 5.5 V; all specifications TMIN to TMAX, unless otherwise
noted. Temperature range = −40°C to +105°C, typical at 25°C. Guaranteed by design and characterization, not production tested.
Table 3.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage Settling Time
AD5689
5
8
µs
¼ to ¾ scale settling to ±2 LSB
AD5687
5
7
µs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
0.8
V/µs
Digital-to-Analog Glitch Impulse
0.5
nV-sec
1 LSB change around major carry
Digital Feedthrough
0.13
nV-sec
Digital Crosstalk
0.1
nV-sec
Analog Crosstalk
0.2
nV-sec
DAC-to-DAC Crosstalk
0.3
nV-sec
Total Harmonic Distortion (THD)2
−80
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Output Noise Spectral Density (NSD)
300
nV/√Hz
DAC code = midscale, 10 kHz, gain = 2
Output Noise
6
µV p-p
0.1 Hz to 10 Hz
Signal-to-Noise Ratio (SNR)
90
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Spurious Free Dynamic Range (SFDR)
83
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Signal-to-Noise-and-Distortion Ratio
(SINAD)
80
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
1
See the Terminology section.
2
Digitally generated sine wave at 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com