Electronic Components Datasheet Search
  English  ▼

X  

AD5689 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5689
Description  Dual, 16-/12-Bit nanoDAC with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5689 Datasheet HTML 15Page - Analog Devices AD5689 Datasheet HTML 16Page - Analog Devices AD5689 Datasheet HTML 17Page - Analog Devices AD5689 Datasheet HTML 18Page - Analog Devices AD5689 Datasheet HTML 19Page - Analog Devices AD5689 Datasheet HTML 20Page - Analog Devices AD5689 Datasheet HTML 21Page - Analog Devices AD5689 Datasheet HTML 22Page - Analog Devices AD5689 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD5689/AD5687
Rev. 0 | Page 19 of 24
STANDALONE OPERATION
The write sequence begins by bringing the SYNC line low. Data
from the SDIN line is clocked into the 24-bit input shift register
on the falling edge of SCLK. After the last of 24 data bits is clocked
in, SYNC is brought high. The programmed function is then
executed; that is, an LDAC-dependent change in DAC register
contents and/or a change in the mode of operation occurs.
If SYNC is taken high before the 24th clock, it is considered a valid
frame and invalid data may be loaded to the DAC. SYNC must
be brought high for a minimum of 20 ns (single channel, see t8
in Figure 2) before the next write sequence so that a falling edge
of SYNC can initiate the next write sequence. Idle SYNC at the
rails between write sequences for an even lower power operation
of the part. The SYNC line is kept low for 24 falling edges of
SCLK, and the DAC is updated on the rising edge of SYNC.
When the data has been transferred into the input register of
the addressed DAC, both DAC registers and outputs can be
updated by taking LDAC low while the SYNC line is high.
WRITE AND UPDATE COMMANDS
Write to Input Register n (Dependent on LDAC)
Command 0001 allows the user to write to the dedicated input
register of each DAC individually. When LDAC is low, the input
register is transparent (if not controlled by the LDAC mask
register).
Update DAC Register n with Contents of Input Register n
Command 0010 loads the DAC registers/outputs with the
contents of the input registers selected and updates the DAC
outputs directly.
Write to and Update DAC Channel n (Independent of
LDAC)
Command 0011 allows the user to write to the DAC registers
and update the DAC outputs directly.
DAISY-CHAIN OPERATION
For systems that contain several DACs, the SDO pin can be used
to daisy-chain several devices together. SDO is enabled through
a software executable daisy-chain enable (DCEN) command.
Command 1000 is reserved for this DCEN function (see Table 9).
Daisy-chain mode is enabled by setting Bit DB0 in the DCEN
register. The default setting is standalone mode, where DB0
(LSB) = 0. Table 10 shows how the state of the bit corresponds
to the mode of operation of the device.
Table 10. Daisy-Chain Enable (DCEN) Register
DB0 (LSB)
Description
0
Standalone mode (default)
1
DCEN mode
Figure 40. Daisy-Chaining Multiple AD5689/AD5687 Devices
The SCLK pin is continuously applied to the input shift register
when SYNC is low. If more than 24 clock pulses are applied, the
data ripples out of the input shift register and appears on the
SDO line. This data is clocked out on the rising edge of SCLK
and is valid on the falling edge. By connecting this line to the
SDIN input on the next DAC in the chain, a daisy-chain interface
is constructed. Each DAC in the system requires 24 clock pulses.
Therefore, the total number of clock cycles must equal 24 × N,
where N is the total number of devices that are updated. If SYNC
is taken high at a clock that is not a multiple of 24, it is considered
a valid frame and invalid data may be loaded to the DAC. When
the serial transfer to all devices is complete, SYNC is taken high.
This latches the input data in each device in the daisy chain and
prevents any further data from being clocked into the input shift
register. The serial clock can be continuous or a gated clock. A
continuous SCLK source can be used only if SYNC can be held
low for the correct number of clock cycles. In gated clock mode,
a burst clock containing the exact number of clock cycles must
be used, and SYNC must be taken high after the final clock to latch
the data.
68HC11*
MISO
SDIN
SCLK
MOSI
SCK
PC7
PC6
SDO
SCLK
SDO
SCLK
SDO
SDIN
SDIN
SYNC
SYNC
SYNC
LDAC
LDAC
LDAC
AD5689/
AD5687
AD5689/
AD5687
AD5689/
AD5687
*ADDITIONAL PINS OMITTED FOR CLARITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com