Electronic Components Datasheet Search
  English  ▼

X  

AD5689 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5689
Description  Dual, 16-/12-Bit nanoDAC with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5689 Datasheet HTML 7Page - Analog Devices AD5689 Datasheet HTML 8Page - Analog Devices AD5689 Datasheet HTML 9Page - Analog Devices AD5689 Datasheet HTML 10Page - Analog Devices AD5689 Datasheet HTML 11Page - Analog Devices AD5689 Datasheet HTML 12Page - Analog Devices AD5689 Datasheet HTML 13Page - Analog Devices AD5689 Datasheet HTML 14Page - Analog Devices AD5689 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5689/AD5687
Rev. 0 | Page 11 of 24
Figure 14. INL Error and DNL Error vs. Supply Voltage
Figure 15. Gain Error and Full-Scale Error vs. Temperature
Figure 16. Zero-Code Error and Offset Error vs. Temperature
Figure 17. Gain Error and Full-Scale Error vs. Supply Voltage
Figure 18. Zero-Code Error and Offset Error vs. Supply Voltage
Figure 19. Total Unadjusted Error (TUE) vs. Temperature
10
–10
–8
–6
–4
–2
0
2
4
6
8
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
INL
DNL
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
GAIN ERROR
FULL-SCALE ERROR
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
OFFSET ERROR
ZERO-CODE ERROR
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
GAIN ERROR
FULL-SCALE ERROR
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
ZERO-CODE ERROR
OFFSET ERROR
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com