Electronic Components Datasheet Search
  English  ▼

X  

AD5689 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5689
Description  Dual, 16-/12-Bit nanoDAC with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5689 Datasheet HTML 13Page - Analog Devices AD5689 Datasheet HTML 14Page - Analog Devices AD5689 Datasheet HTML 15Page - Analog Devices AD5689 Datasheet HTML 16Page - Analog Devices AD5689 Datasheet HTML 17Page - Analog Devices AD5689 Datasheet HTML 18Page - Analog Devices AD5689 Datasheet HTML 19Page - Analog Devices AD5689 Datasheet HTML 20Page - Analog Devices AD5689 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5689/AD5687
Rev. 0 | Page 17 of 24
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTERS (DACS)
The AD5689/AD5687 are dual 16-/12-bit, serial input, voltage
output DACs. The parts operate from supply voltages of 2.7 V to
5.5 V. Data is written to the AD5689/AD5687 in a 24-bit word
format via a 3-wire serial interface. The devices incorporate a
power-on reset circuit to ensure that the DAC output powers up
to a known output state. The AD5689/AD5687 also have a software
power-down mode that reduces the typical current consumption
to 4 µA.
TRANSFER FUNCTION
Because the input coding to the DAC is straight binary, the ideal
output voltage when using an external reference is given by


×
=
N
REF
OUT
D
Gain
V
V
2
where:
Gain is the output amplifier gain and is set to 1 by default. It can
be set to ×1 or ×2 using the gain select pin. When the GAIN pin
is tied to GND, both DACs output a span from 0 V to VREF. If
the GAIN pin is tied to VLOGIC, both DACs output a span of 0 V
to 2 × VREF.
D is the decimal equivalent of the binary code that is loaded to
the DAC register as follows: 0 to 4,095 for the 12-bit device and
0 to 65,535 for the 16-bit device.
N is the DAC resolution.
DAC ARCHITECTURE
The DAC architecture consists of a string DAC followed by an
output amplifier. Figure 36 shows a block diagram of the DAC
architecture.
Figure 36. Single DAC Channel Architecture Block Diagram
The resistor string structure is shown in Figure 37. It is a string
of resistors, each of Value R. The code loaded to the DAC register
determines the node on the string where the voltage is to be
tapped off and fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the
string to the amplifier. Because it is a string of resistors, it is
guaranteed monotonic.
Figure 37. Resistor String Structure
Output Amplifiers
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. The actual
range depends on the value of VREF, the GAIN pin, the offset
error, and the gain error. The GAIN pin selects the gain of the
output, as follows:
•
If the GAIN pin is tied to GND, both DAC outputs have
a gain of 1, and the output range is 0 V to VREF.
•
If the GAIN pin is tied to VLOGIC, both DAC outputs have
a gain of 2, and the output range is 0 V to 2 × VREF.
These amplifiers are capable of driving a load of 1 kΩ in parallel
with 2 nF to GND. The slew rate is 0.8 V/µs with a ¼ to ¾ scale
settling time of 5 µs.
INPUT
REGISTER
DAC
REGISTER
RESISTOR
STRING
REF (+)
VREF
GND
REF (–)
VOUTX
GAIN
(GAIN = 1 OR 2)
R
R
R
R
R
TO OUTPUT
AMPLIFIER
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com